Electronic Components Datasheet Search
  English  ▼

X  

AD9684 Datasheet(PDF) 25 Page - Analog Devices

Part # AD9684
Description  Dual Analog-to-Digital Converter
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9684 Datasheet(HTML) 25 Page - Analog Devices

Back Button AD9684 Datasheet HTML 21Page - Analog Devices AD9684 Datasheet HTML 22Page - Analog Devices AD9684 Datasheet HTML 23Page - Analog Devices AD9684 Datasheet HTML 24Page - Analog Devices AD9684 Datasheet HTML 25Page - Analog Devices AD9684 Datasheet HTML 26Page - Analog Devices AD9684 Datasheet HTML 27Page - Analog Devices AD9684 Datasheet HTML 28Page - Analog Devices AD9684 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 65 page
background image
AD9684
Data Sheet
Rev. 0 | Page 24 of 64
THEORY OF OPERATION
The AD9684 has two analog input channels and 14 LVDS
output lane pairs. The ADC is designed to sample wide
bandwidth analog signals of up to 2 GHz. The AD9684 is
optimized for wide input bandwidth, a high sampling rate,
excellent linearity, and low power in a small package.
The dual ADC cores feature a multistage, differential pipelined
architecture with integrated output error correction logic. Each
ADC features wide bandwidth inputs that support a variety of
user selectable input ranges. An integrated voltage reference
eases design considerations.
The AD9684 has several functions that simplify the AGC
function in a communications receiver. The programmable
threshold detector allows monitoring of the incoming signal
power using the fast detect output bits of the ADC. If the input
signal level exceeds the programmable threshold, the fast detect
indicator goes high. Because this threshold indicator has low
latency, the user can quickly reduce the system gain to avoid an
overrange condition at the ADC input.
The LVDS outputs can be configured depending on the
decimation ratio. Multiple device synchronization is supported
through the SYNC± input pins.
ADC ARCHITECTURE
The architecture of the AD9684 consists of an input buffered pipe-
lined ADC. The input buffer provides a termination impedance to
the analog input signal. This termination impedance can be
changed using the SPI to meet the termination needs of the driver/
amplifier. The default termination value is set to 400 Ω. The input
buffer is optimized for high linearity, low noise, and low power.
The input buffer provides a linear high input impedance (for
ease of drive) and reduces kickback from the ADC. The buffer
is optimized for high linearity, low noise, and low power. The
quantized outputs from each stage are combined into a final
14-bit result in the digital correction logic. The pipelined
architecture permits the first stage to operate with a new input
sample, whereas the remaining stages operate with the preceding
samples. Sampling occurs on the rising edge of the clock.
ANALOG INPUT CONSIDERATIONS
The analog input to the AD9684 is a differential buffer. The
internal common-mode voltage of the buffer is 2.05 V. The
clock signal alternately switches the input circuit between
sample mode and hold mode. When the input circuit is switched
into sample mode, the signal source must be capable of charging
the sample capacitors and settling within one-half of a clock cycle.
A small resistor, in series with each input, helps reduce the peak
transient current injected from the output stage of the driving
source. In addition, low Q inductors or ferrite beads can be placed
on each leg of the input to reduce high differential capacitance
at the analog inputs and, thus, achieve the maximum bandwidth
of the ADC. Such use of low Q inductors or ferrite beads is
required when driving the converter front end at high IF
frequencies. Place either a differential capacitor or two single-
ended capacitors on the inputs to provide a matching passive
network. This ultimately creates a low-pass filter at the input, which
limits unwanted broadband noise. For more information, see the
AN-742 Application Note, the AN-827 Application Note, and the
Analog Dialogue article “Transformer-Coupled Front-End for
Wideband A/D Converters” (Volume 39, April 2005). In general,
the precise values depend on the application.
For best dynamic performance, the source impedances driving
VIN+x and VIN−x must be matched such that common-mode
settling errors are symmetrical. These errors are reduced by the
common-mode rejection of the ADC. An internal reference buffer
creates a differential reference that defines the span of the ADC core.
Maximum SNR performance is achieved by setting the ADC to
the largest span in a differential configuration. In the case of the
AD9684, the available span is 2.06 V p-p differential.
Differential Input Configurations
There are several ways to drive the AD9684, either actively or
passively. However, optimum performance is achieved by
driving the analog input differentially.
For applications in which SNR and SFDR are key parameters,
differential transformer coupling is the recommended input
configuration because the noise performance of most amplifiers
is not adequate to achieve the true performance of the AD9684.
For low to midrange frequencies, a double balun or double
transformer network is recommended for optimum performance
of the AD9684 (see Figure 39). For higher frequencies in the
second and third Nyquist zones, it is better to remove some of
the front-end passive components to ensure wideband
operation (see Figure 40).
ADC
2pF
10Ω
10Ω
4pF
0.1µF
0.1µF
10Ω
10Ω
4pF
0.1µF
25Ω
25Ω
ETC1-11-13/
MABA007159
1:1Z
Figure 39. Differential Transformer-Coupled Configuration for First and
Second Nyquist Frequencies
ADC
25Ω
0.1µF
0.1µF
25Ω
0.1µF
25Ω
25Ω
MARKI
BAL-0006
OR
BAL-0006SMG
Figure 40. Differential Transformer-Coupled Configuration for Second and
Third Nyquist Frequencies



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com