Electronic Components Datasheet Search
  English  ▼

X  

AD9684 Datasheet(PDF) 5 Page - Analog Devices

Part # AD9684
Description  Dual Analog-to-Digital Converter
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9684 Datasheet(HTML) 5 Page - Analog Devices

  AD9684 Datasheet HTML 1Page - Analog Devices AD9684 Datasheet HTML 2Page - Analog Devices AD9684 Datasheet HTML 3Page - Analog Devices AD9684 Datasheet HTML 4Page - Analog Devices AD9684 Datasheet HTML 5Page - Analog Devices AD9684 Datasheet HTML 6Page - Analog Devices AD9684 Datasheet HTML 7Page - Analog Devices AD9684 Datasheet HTML 8Page - Analog Devices AD9684 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 65 page
background image
AD9684
Data Sheet
SPECIFICATIONS
DC SPECIFICATIONS
AVDD1 = 1.25 V, AVDD2 = 2.5 V, AVDD3 = 3.3 V, DVDD = 1.25 V, DRVDD = 1.25 V, SPIVDD = 1.8 V, specified maximum sampling
rate (500 MSPS), 1.7 V p-p full-scale differential input, 1.0 V internal reference, AIN = −1.0 dBFS, default SPI settings, TA = 25°C, unless
otherwise noted.
Table 1.
Parameter
Temperature
Min
Typ
Max
Unit
RESOLUTION
Full
14
Bits
ACCURACY
No Missing Codes
Full
Guaranteed
Offset Error
Full
−0.3
0
+0.3
% FSR
Offset Matching
Full
0
+0.3
% FSR
Gain Error
Full
−6.5
0
+6.5
% FSR
Gain Matching
Full
0
+5.0
% FSR
Differential Nonlinearity (DNL)
Full
−0.6
±0.5
+0.7
LSB
Integral Nonlinearity (INL)
Full
−4.5
±2.5
+5.0
LSB
TEMPERATURE DRIFT
Offset Error
25°C
±3
ppm/°C
Gain Error
25°C
−39
ppm/°C
INTERNAL VOLTAGE REFERENCE
Full
1.0
V
INPUT-REFERRED NOISE
VREF = 1.0 V
25°C
2.63
LSB rms
ANALOG INPUTS
Differential Input Voltage Range (Programmable)
Full
1.46
2.06
2.06
V p-p
Common-Mode Voltage (VCM)
25°C
2.05
V
Differential Input Capacitance1
25°C
1.5
pF
Analog Input Full Power Bandwidth
25°C
2
GHz
POWER SUPPLY
AVDD1
Full
1.22
1.25
1.28
V
AVDD2
Full
2.44
2.50
2.56
V
AVDD3
Full
3.2
3.3
3.4
V
DVDD
Full
1.22
1.25
1.28
V
DRVDD
Full
1.22
1.25
1.28
V
SPIVDD
Full
1.22
1.8
3.4
V
IAVDD1
Full
448
503
mA
IAVDD2
Full
396
455
mA
IAVDD3
Full
103
124
mA
IDVDD
Full
108
127
mA
IDRVDD
Full
106
119
mA
ISPIVDD
Full
2
6
mA
POWER CONSUMPTION
Total Power Dissipation2
Full
2.2
W
Power-Down Dissipation
Full
710
mW
Standby
Full
1.0
W
1
Differential capacitance is measured between the VIN+x and VIN−x pins (x = A or B).
2
Parallel interleaved LVDS mode. The power dissipation on DRVDD changes with the output data mode used.
Rev. 0 | Page 4 of 64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com