Electronic Components Datasheet Search
  English  ▼

X  

AD9684 Datasheet(PDF) 62 Page - Analog Devices

Part # AD9684
Description  Dual Analog-to-Digital Converter
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9684 Datasheet(HTML) 62 Page - Analog Devices

Back Button AD9684 Datasheet HTML 57Page - Analog Devices AD9684 Datasheet HTML 58Page - Analog Devices AD9684 Datasheet HTML 59Page - Analog Devices AD9684 Datasheet HTML 60Page - Analog Devices AD9684 Datasheet HTML 61Page - Analog Devices AD9684 Datasheet HTML 62Page - Analog Devices AD9684 Datasheet HTML 63Page - Analog Devices AD9684 Datasheet HTML 64Page - Analog Devices AD9684 Datasheet HTML 65Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 62 / 65 page
background image
Data Sheet
AD9684
Reg.
Addr.
(Hex)
Register
Name
Bit 7
(MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0 (LSB)
Default
Notes
0x553
User
Pattern 2
LSB
0
0
0
0
0
0
0
0
0x00
Used with
Reg. 0x550
and
Reg. 0x573
0x554
User
Pattern 2
MSB
0
0
0
0
0
0
0
0
0x00
Used with
Reg. 0x550
and
Reg. 0x573
0x555
User
Pattern 3
LSB
0
0
0
0
0
0
0
0
0x00
Used with
Reg. 0x550
and
Reg. 0x573
0x556
User
Pattern 3
MSB
0
0
0
0
0
0
0
0
0x00
Used with
Reg. 0x550
and
Reg. 0x573
0x557
User
Pattern 4
LSB
0
0
0
0
0
0
0
0
0x00
Used with
Reg. 0x550
and
Reg. 0x573
0x558
User
Pattern 4
MSB
0
0
0
0
0
0
0
0
0x00
Used with
Reg. 0x550
and
Reg. 0x573
0x559
Output
Mode
Control 1
0
0
0
0
0
Status bit selection
000 = tie low (1’b0)
001 = overrange bit
010 = signal monitor bit
011 = fast detect (FD) bit
100 = not applicable
101 = system reference
0x00
0x561
Output
mode
0
0
0
0
0
Sample
invert
0 = normal
1 = sample
invert
Data format select
00 = offset binary
01 = twos
complement
0x01
0x562
Output
overrange
(OR) clear
Virtual
Con-
verter 7 OR
0 = OR bit
enabled
1 = OR bit
cleared
Virtual
Converter 6
OR
0 = OR bit
enabled
1 = OR bit
cleared
Virtual
Converter 5
OR
0 = OR bit
enabled
1 = OR bit
cleared
Virtual Con-
verter 4 OR
0 = OR bit
enabled
1 = OR bit
cleared
Virtual Con-
verter 3 OR
0 = OR bit
enabled
1 = OR bit
cleared
Virtual Con-
verter 2 OR
0 = OR bit
enabled
1 = OR bit
cleared
Virtual
Con-
verter 1
OR
0 = OR
bit
enabled
1 = OR
bit
cleared
Virtual
Convert-
er 0 OR
0 = OR bit
enabled
1 = OR bit
cleared
0x00
0x563
Output OR
status
Virtual
Con-
verter 7 OR
0 = no OR
1 = OR
occurred
Virtual Con-
verter 6 OR
0 = no OR
1 = OR
occurred
Virtual
Converter 5
OR
0 = no OR
1 = OR
occurred
Virtual
Converter 4
OR
0 = no OR
1 = OR
occurred
Virtual
Converter 3
OR
0 = no OR
1 = OR
occurred
Virtual Con-
verter 2 OR
0 = no OR
1 = OR
occurred
Virtual
Converter
1 OR
0 = no OR
1 = OR
occurred
Virtual
Converter 0
OR
0 = no OR
1 = OR
occurred
0x00
Read only
0x564
Output
channel
select
0
0
0
0
0
0
0
Converter
channel
swap
0 = normal
channel
ordering
1 =
channel
swap
enabled
0x00
Rev. 0 | Page 61 of 64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com