Electronic Components Datasheet Search
  English  ▼

X  

AD9684 Datasheet(PDF) 47 Page - Analog Devices

Part # AD9684
Description  Dual Analog-to-Digital Converter
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9684 Datasheet(HTML) 47 Page - Analog Devices

Back Button AD9684 Datasheet HTML 43Page - Analog Devices AD9684 Datasheet HTML 44Page - Analog Devices AD9684 Datasheet HTML 45Page - Analog Devices AD9684 Datasheet HTML 46Page - Analog Devices AD9684 Datasheet HTML 47Page - Analog Devices AD9684 Datasheet HTML 48Page - Analog Devices AD9684 Datasheet HTML 49Page - Analog Devices AD9684 Datasheet HTML 50Page - Analog Devices AD9684 Datasheet HTML 51Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 65 page
background image
AD9684
Data Sheet
Chip
Application
Layer
Chip
Decimation
Ratio
DDC Input
Type
DDC
Output
Type
Bandwidth
Per DDC1
Number of Virtual
Converters
Required (M)
Register Settings2
Register 0x351 = 0x05 (DDC 2 I input =
ADC Channel B, DDC 2 Q input = ADC
Channel B)
Register 0x371 = 0x05 (DDC 3 I input =
ADC Channel B, DDC 3 Q input = ADC
Channel B)
Register 0x314, 0x315, 0x320, 0x321 =
FTW and POW set as required by
application for DDC 0
Register 0x334, Register 0x335,
Register 0x340, Register 0x341 = FTW
and POW set as required by application
for DDC 1
Register 0x354, Register 0x355,
Register 0x360, Register 0x361 = FTW
and POW set as required by application
for DDC 2
Register 0x374, Register 0x375,
Register 0x380, Register 0x381 = FTW
and POW set as required by application
for DDC 3
1
fS is the ADC sample rate. Bandwidths listed are <−0.001 dB of pass-band ripple and >100 dB of stop band alias rejection.
2
The NCOs must be synchronized either through the SPI or through the SYNC± pins after all writes to the FTW or POW registers are complete. This ensures the proper
operation of the NCO. See the NCO Synchronization section for more information.
Rev. 0 | Page 46 of 64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com