Electronic Components Datasheet Search
  English  ▼

X  

AD9684 Datasheet(PDF) 61 Page - Analog Devices

Part # AD9684
Description  Dual Analog-to-Digital Converter
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9684 Datasheet(HTML) 61 Page - Analog Devices

Back Button AD9684 Datasheet HTML 57Page - Analog Devices AD9684 Datasheet HTML 58Page - Analog Devices AD9684 Datasheet HTML 59Page - Analog Devices AD9684 Datasheet HTML 60Page - Analog Devices AD9684 Datasheet HTML 61Page - Analog Devices AD9684 Datasheet HTML 62Page - Analog Devices AD9684 Datasheet HTML 63Page - Analog Devices AD9684 Datasheet HTML 64Page - Analog Devices AD9684 Datasheet HTML 65Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 61 / 65 page
background image
AD9684
Data Sheet
Reg.
Addr.
(Hex)
Register
Name
Bit 7
(MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0 (LSB)
Default
Notes
0x367
DDC 2
output test
mode
selection
0
0
0
0
0
Q output
test mode
enable
0 = disabled
1 = enabled
from Ch. B
0
I output
test mode
enable
0 =
disabled
1 =
enabled
from Ch. A
0x00
0x370
DDC 3
control
Mixer
select
0 = real
mixer
1 =
complex
mixer
Gain select
0 = 0 dB
gain
1 = 6 dB
gain
IF mode
00 = variable IF mode
(mixers and NCO
enabled)
01 = 0 Hz IF mode (mixer
bypassed, NCO disabled)
10 = fS/4 Hz IF mode (fS/4
downmixing mode)
11 = test mode (mixer
inputs forced to +FS, NCO
enabled)
Complex to
real enable
0 = disabled
1 = enabled
0
Decimation rate select
(complex to real
disabled)
11 = decimate by 2
00 = decimate by 4
01 = decimate by 8
10 = decimate by 16
(complex to real
enabled)
11 = decimate by 1
00 = decimate by 2
01 = decimate by 4
10 = decimate by 8
0x00
0x371
DDC 3
input
selection
0
0
0
0
0
Q input
select
0 = Ch. A
1 = Ch. B
0
I input
select
0 = Ch. A
1 = Ch. B
0x05
0x374
DDC 3
frequency
LSB
DDC 3 NCO FTW, Bits[7:0] twos complement
0x00
0x375
DDC 3
frequency
MSB
X
X
X
X
DDC 3 NCO FTW, Bits[11:8] twos complement
0x00
0x380
DDC 3
phase LSB
DDC 3 NCO POW, Bits[7:0] twos complement
0x00
0x381
DDC 3
phase MSB
X
X
X
X
DDC 3 NCO POW, Bits[11:8] twos complement
0x00
0x387
DDC 3
output test
mode
selection
0
0
0
0
0
Q output
test mode
enable
0 = disabled
1 = enabled
from Ch. B
0
I output
test mode
enable
0 =
disabled
1 =
enabled
from Ch. A
0x00
Digital Outputs and Test Modes
0x550
ADC test
modes
(local)
User
pattern
selection
0 =
continuous
repeat
1 = single
pattern
0
Reset PN
long gen
0 = long
PN enable
1 = long
PN reset
Reset PN
short gen
0 = short PN
enable
1 = short PN
reset
Test mode selection
0000 = off (normal operation)
0001 = midscale short
0010 = positive full scale
0011 = negative full scale
0100 = alternating checker board
0101 = PN sequence, long
0110 = PN sequence, short
0111 = one/zero word toggle
1000 = the user pattern test mode (used with
Register 0x550, Bit 7 and User Pattern 1 to User
Pattern 4 registers)
1111 = ramp output
0x00
0x551
User
Pattern 1
LSB
0
0
0
0
0
0
0
0
0x00
Used with
Reg. 0x550
and
Reg. 0x573
0x552
User
Pattern 1
MSB
0
0
0
0
0
0
0
0
0x00
Used with
Reg. 0x550
and
Reg. 0x573
Rev. 0 | Page 60 of 64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com