Electronic Components Datasheet Search
  English  ▼

X  

AD9684 Datasheet(PDF) 27 Page - Analog Devices

Part # AD9684
Description  Dual Analog-to-Digital Converter
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9684 Datasheet(HTML) 27 Page - Analog Devices

Back Button AD9684 Datasheet HTML 23Page - Analog Devices AD9684 Datasheet HTML 24Page - Analog Devices AD9684 Datasheet HTML 25Page - Analog Devices AD9684 Datasheet HTML 26Page - Analog Devices AD9684 Datasheet HTML 27Page - Analog Devices AD9684 Datasheet HTML 28Page - Analog Devices AD9684 Datasheet HTML 29Page - Analog Devices AD9684 Datasheet HTML 30Page - Analog Devices AD9684 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 65 page
background image
AD9684
Data Sheet
Table 9 shows the recommended buffer current and full-scale
voltage settings for the different analog input frequency ranges.
Absolute Maximum Input Swing
The absolute maximum input swing allowed at the inputs of the
AD9684 is 4.3 V p-p differential. Signals operating near or at
this level can cause permanent damage to the ADC.
VOLTAGE REFERENCE
A stable and accurate 1.0 V voltage reference is built into the
AD9684. This internal 1.0 V reference sets the full-scale input
range of the ADC. For more information on adjusting the input
swing, see Table 29. Figure 46 shows the block diagram of the
internal 1.0 V reference controls.
ADC
CORE
FULL-SCALE
VOLTAGE
ADJUST
V_1P0 PIN
CONTROL SPI
REGISTER
(REGISTER 0x024)
V_1P0
VIN–A/
VIN–B
VIN+A/
VIN+B
INTERNAL
V_1P0
GENERATOR
INPUT FULL-SCALE
RANGE ADJUST
SPI REGISTER
(REGISTER 0x025)
Figure 46. Internal Reference Configuration and Controls
Register 0x024 enables the user either to use this internal 1.0 V
reference, or to provide an external 1.0 V reference. When using
an external voltage reference, provide a 1.0 V reference. The
full-scale adjustment is made using the SPI, irrespective of the
reference voltage. For more information on adjusting the full-
scale level of the AD9684, see the Memory Map Register Table
section.
The use of an external reference may be necessary, in some
applications, to enhance the gain accuracy of the ADC or
improve thermal drift characteristics. Figure 47 shows the
typical drift characteristics of the internal 1.0 V reference.
–50
0
25
90
TEMPERATURE (°C)
0.9998
0.9999
1.0000
1.0001
1.0002
1.0003
1.0004
1.0005
1.0006
1.0007
1.0008
1.0009
1.0010
Figure 47. Typical V_1P0 Drift
The external reference must be a stable 1.0 V reference. The
ADR130 is a good option for providing the 1.0 V reference.
Figure 48 shows how the ADR130 can be used to provide the
external 1.0 V reference to the AD9684. The grayed out areas
show unused blocks within the AD9684 while using the
ADR130 to provide the external reference.
Table 9. SFDR Optimization for Input Frequencies
Frequency
Buffer Control 1
(Register 0x018)
Input Full-Scale Range
(Register 0x025)
Input Full-Scale Control
(Register 0x030)
Input Termination
(Register 0x016)1
DC to 250 MHz
0x20 (2.0×)
0x0C (2.06 V p-p)
0x04
0x0C/0x1C/0x6C
250 MHz to 500
MHz
0x70 (4.5×)
0x0C (2.06 V p-p)
0x04
0x0C/0x1C/0x6C
500 MHz to
1 GHz
0x80 (5.0×)
0x08 (1.46 V p-p)
0x18
0x0C/0x1C/0x6C
1 GHz to 2 GHz
0xF0 (8.5×)
0x08 (1.46 V p-p)
0x18
0x0C/0x1C/0x6C
1
The input termination can be changed to accommodate the application with little or no impact to ac performance.
FULL-SCALE
VOLTAGE
ADJUST
V_1P0
0.1µF
VOUT 4
SET
5
NC
6
VIN
3
GND
2
NC
1
ADR130
0.1µF
INPUT
FULL-SCALE
CONTROL
INTERNAL
V_1P0
GENERATOR
Figure 48. External Reference Using the ADR130
Rev. 0 | Page 26 of 64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com