Electronic Components Datasheet Search
  English  ▼

X  

AD9684 Datasheet(PDF) 56 Page - Analog Devices

Part # AD9684
Description  Dual Analog-to-Digital Converter
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9684 Datasheet(HTML) 56 Page - Analog Devices

Back Button AD9684 Datasheet HTML 52Page - Analog Devices AD9684 Datasheet HTML 53Page - Analog Devices AD9684 Datasheet HTML 54Page - Analog Devices AD9684 Datasheet HTML 55Page - Analog Devices AD9684 Datasheet HTML 56Page - Analog Devices AD9684 Datasheet HTML 57Page - Analog Devices AD9684 Datasheet HTML 58Page - Analog Devices AD9684 Datasheet HTML 59Page - Analog Devices AD9684 Datasheet HTML 60Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 65 page
background image
Data Sheet
AD9684
Reg.
Addr.
(Hex)
Register
Name
Bit 7
(MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0 (LSB)
Default
Notes
0x028
Tempera-
ture diode
(local)
0
0
0
0
0
0
0
Diode
selection
0 = no
diode
selected
1 =
tempera-
ture diode
selected
0x00
Used in
conjunc-
tion with
Reg. 0x040
0x030
Input full-
scale
control
(local)
0
0
0
Full-scale control
See Table 9 for
recommended settings for
different frequency bands
Default values:
Full scale range ≥ 1.82 V =
001
Full scale range < 1.82 V =
110
0
0
0
0x04
Input full-
scale
control
(local)
0x03F
PDWN/
STBY pin
control
(local)
0 =
PDWN/
STBY
enabled
1 =
disabled
0
0
0
0
0
0
0
0x00
Used in
conjunc-
tion with
Reg. 0x040
0x040
Chip pin
control
PDWN/STBY function
00 = power down
01 = standby
10 = disabled
Fast Detect B (FD_B)
000 = Fast Detect B output
001 = reserved
010 = reserved
111 = disabled
Fast Detect A (FD_A)
000 = Fast Detect A output
001 = reserved
010 = reserved
011 = temperature diode
111 = disabled
0x3F
0x10B
Clock
divider
0
0
0
0
0
000 = divide by 1
001 = divide by 2
011 = divide by 4
111 = divide by 8
0x00
0x10C
Clock
divider
phase
(local)
0
0
0
0
Independently controls Channel A and Channel B
clock divider phase offset
0000 = 0 input clock cycles delayed
0001 = ½ input clock cycles delayed
0010 = 1 input clock cycles delayed
0011 = 1½ input clock cycles delayed
0100 = 2 input clock cycles delayed
0101 = 2½ input clock cycles delayed
…
1111 = 7½ input clock cycles delayed
0x00
0x10D
Clock
divider and
SYNC±
control
Clock
divider
automatic
phase
adjustment
0 =
disabled
1 =
enabled
0
0
0
Clock divider negative
skew window
00 = no negative skew
01 = 1 device clock of
negative skew
10 = 2 device clocks of
negative skew
11 = 3 device clocks of
negative skew
Clock divider positive
skew window
00 = no positive skew
01 = 1 device clock of
positive skew
10 = 2 device clocks of
positive skew
11 = 3 device clocks of
positive skew
0x00
Clock
divider
must be
>1
0x117
Clock delay
control
0
0
0
0
0
0
0
Clock fine
delay
adjust
enable
0 =
disabled
1 =
enabled
0x00
Enabling
the clock
fine delay
adjustment
causes a
datapath
soft reset
Rev. 0 | Page 55 of 64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com