Electronic Components Datasheet Search
  English  ▼

X  

54831 Datasheet(PDF) 5 Page - Agilent(Hewlett-Packard)

Part # 54831
Description  Infiniium 54830 Series Oscilloscopes
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

54831 Datasheet(HTML) 5 Page - Agilent(Hewlett-Packard)

  54831 Datasheet HTML 1Page - Agilent(Hewlett-Packard) 54831 Datasheet HTML 2Page - Agilent(Hewlett-Packard) 54831 Datasheet HTML 3Page - Agilent(Hewlett-Packard) 54831 Datasheet HTML 4Page - Agilent(Hewlett-Packard) 54831 Datasheet HTML 5Page - Agilent(Hewlett-Packard) 54831 Datasheet HTML 6Page - Agilent(Hewlett-Packard) 54831 Datasheet HTML 7Page - Agilent(Hewlett-Packard) 54831 Datasheet HTML 8Page - Agilent(Hewlett-Packard) 54831 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
The 54830 Series Infiniium
scopes use advanced MegaZoom
technology so you get all the ben-
efits of fast, automatic, affordable
deep memory. Due to its unique
ASIC architecture, this powerful
memory management system
called MegaZoom can quickly
display up to 128 million points
of continuous signal history
without the usual bottlenecks
and frustrating delays.
5
Industry-leading deep memory up to 128 Mpts, without annoying delays
Instant Response
While first-generation deep-
memory scopes update the
display slowly, Infiniium’s
MegaZoom memory management
system instantaneously updates
the display even with the deepest
memory. And deep memory is on
all the time — so you always have
the maximum available sample
rate and don’t undersample or
miss fast events. Discover prob-
lems you never found with your
first-generation deep-memory
scope.
Optimum Resolution
Get the insight you need to solve
your debugging challenges in a
fraction of the time it used to
take. Just press the Autoscale
key to automatically adjust the
sample rate to achieve the best
waveform resolution. Then, as
you change the horizontal scale
to display more time and view
your entire signal, MegaZoom
adds more memory to give you
the fastest sample rate and best
resolution possible. Now you
can automatically see events
as narrow as 250 ps without
using a special mode such as
peak detect.
Unprecedented Deep Memory
Every Infiniium 54830 Series with
MegaZoom is a deep-memory
oscilloscope with up to a standard
2 Mpts of memory on each chan-
nel. Now memory options are
available to configure your scope
with up to 128 Mpts to capture
the longest waveforms without
reducing sample rate.
By combining powerful features,
ease of use, and industry-leading
specifications, Infiniium scopes
help you find answers faster.
A simple, analog-like front
panel, Windows-based interface
to easily access advanced
features, and powerful connec-
tivity make high-performance
capabilities of Infiniium usable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com