Electronic Components Datasheet Search
  English  ▼

X  

54831 Datasheet(PDF) 20 Page - Agilent(Hewlett-Packard)

Part # 54831
Description  Infiniium 54830 Series Oscilloscopes
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

54831 Datasheet(HTML) 20 Page - Agilent(Hewlett-Packard)

Back Button 54831 Datasheet HTML 16Page - Agilent(Hewlett-Packard) 54831 Datasheet HTML 17Page - Agilent(Hewlett-Packard) 54831 Datasheet HTML 18Page - Agilent(Hewlett-Packard) 54831 Datasheet HTML 19Page - Agilent(Hewlett-Packard) 54831 Datasheet HTML 20Page - Agilent(Hewlett-Packard) 54831 Datasheet HTML 21Page - Agilent(Hewlett-Packard) 54831 Datasheet HTML 22Page - Agilent(Hewlett-Packard) 54831 Datasheet HTML 23Page - Agilent(Hewlett-Packard) 54831 Datasheet HTML 24Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 30 page
background image
20
Acquisition: Analog Channels
54830B, 54831B, 54832B, 54833A, 54830D, 54831D, 54832D and 54833D
Real Time Sample Rate (Max)
2 Channels Interleaved
4 GSa/s
Each Channel
2 GSa/s
Equivalent Time Sample Rate (Max)
250 GSa/s
Memory Depth
Interleaved/each channel
Standard
4 M / 2 M (1 M / 500 K for 54833A)
Option 040
8 M / 4 M
Option 080
16 M / 8 M
Option 160
32 M / 16 M
Option 320
64 M / 32 M
Option 640
128 M / 64 M
Sampling Modes
Real Time
Normal
Successive single-shot acquisitions
Peak Detect
Captures and displays narrow pulses or glitches at all real time sample rates
Hi Resolution
Real-time boxcar averaging reduces random noise and increases resolution
Equivalent Time
Random repetitive sampling (higher time resolution at faster sweep speeds)
Segmented Memory10
Captures bursting signals at maximum sample rate without consuming memory during periods of
inactivity. Selectable number of segments up to 32,000 depending on memory option installed.
Typical minimum inter-segment time (or the time between acquisitions) of 20 µs.
Averaging
Selectable from 2 to 4096
Filters
Sin[x])/x Interpolation
Filter On/Off selectable FIR digital filter. Digital signal processing adds points between acquired data
points to enhance measurement accuracy and waveform display quality. BW= Sample Rate/4
Acquisition: Digital Channels
(54830D/31D/32D/33D only)
Maximum Real Time Sample Rate
1 GSa/s
Memory Depth per Channel
32 M
Minimum Width Glitch Detection
2.5 ns
Performance Characteristics continued



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com