Electronic Components Datasheet Search
  English  ▼

X  

54831 Datasheet(PDF) 22 Page - Agilent(Hewlett-Packard)

Part # 54831
Description  Infiniium 54830 Series Oscilloscopes
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

54831 Datasheet(HTML) 22 Page - Agilent(Hewlett-Packard)

Back Button 54831 Datasheet HTML 18Page - Agilent(Hewlett-Packard) 54831 Datasheet HTML 19Page - Agilent(Hewlett-Packard) 54831 Datasheet HTML 20Page - Agilent(Hewlett-Packard) 54831 Datasheet HTML 21Page - Agilent(Hewlett-Packard) 54831 Datasheet HTML 22Page - Agilent(Hewlett-Packard) 54831 Datasheet HTML 23Page - Agilent(Hewlett-Packard) 54831 Datasheet HTML 24Page - Agilent(Hewlett-Packard) 54831 Datasheet HTML 25Page - Agilent(Hewlett-Packard) 54831 Datasheet HTML 26Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 30 page
background image
22
Trigger: Digital Channels
(54830D/31D/32D/33D only)
Threshold Range (user defined)
±8.0 V in 10 mV increments
Threshold Accuracy*
±(100 mV + 3% of threshold setting)
Predefined Thresholds
TTL=1.4 V, 5.0 V CMOS=2.5 V, 3.3 V CMOS=1.65 V, 2.5 V CMOS=1.25 V,
ECL=–1.3 V, PECL=3.7 V
Measurements and Math
54830B, 54831B, 54832B, 54833A, 54830D, 54831D, 54832D and 54833D
Waveform Measurements
Voltage (analog channels only)
Peak-to-Peak, Minimum, Maximum, Average, RMS, Amplitude, Base, Top, Overshoot, Preshoot,
Upper, Middle, Lower, Area
Time (all channels)
Period, Frequency, Positive Width, Negative Width, Duty Cycle, Delta Time
(analog channels only)
Rise Time, Fall Time, Tmin, Tmax, Channel-to-Channel Phase
Frequency Domain
FFT Frequency, FFT Magnitude, FFT Delta Frequency, FFT Delta Magnitude
Eye Pattern
Eye Height, Eye Width, Jitter, Crossing %, Q-Factor, Duty Cycle Distortion
Measurement Modes
Automatic Measurements
Measure menu access to all measurements, 4 measurements can be displayed simultaneously
QuickMeas+
Front panel button activates five pre-selected or five user defined automatic measurements
Drag and Drop Measurement Toolbar
Measurement toolbar with common measurement icons that can be dragged and dropped onto
the displayed waveforms
Statistics
Displays the mean, standard deviation, minimum and maximum measurement values for the
displayed automatic measurements
Histograms (analog channels only)
Vertical (for timing and jitter measurements) or horizontal (noise and amplitude change) modes,
regions are defined using waveform markers. Measurements included: mean, standard deviation,
peak-to-peak value, median, total hits, peak (area of most hits), and mean ± 1,2, and 3 sigma
Eye Diagram Measurements
Eye diagram display mode allows triggering on both negative-going and positive-going
edges of a signal. Eye diagram measurements include eye height, eye width, jitter, crossing
percentage, Q factor, and duty cycle distortion
Mask Testing
Allows pass/fail testing to user-defined or Agilent-supplied waveform templates. AutoMask allows
user to create a mask template from a captured waveform and define tolerance range in
time/voltage or percentage. Test modes include test forever, test to specified time or event limit,
and stop on failure. Communications Mask Test Kit Option provides a set of ITU-T G.703, ANSI
T1.102, and IEEE 802.3 industry standard masks for compliance testing
Marker Modes
Manual Markers, Track Waveform Data, Track Measurements
Waveform Math
4 functions f1-f4. Select from Add, Average, Differentiate, Divide, FFT Magnitude, FFT Phase,
High Pass Filter, Integrate, Invert, Low Pass Filter, Magnify, Min, Max, Multiply, Subtract, Versus
FFT
Frequency Range6
DC to 2 GHz (2 channels interleaved), DC to 1 GHz (each channel)
Frequency Resolution
Resolution = Sample Rate / Memory Depth
Best resolution at maximum sample rate 4 GSa/s / 16 M = 250 Hz
Frequency Accuracy
(1/2 frequency resolution)+(5x10-5)(signal frequency)
Signal-to-Noise Ratio9
80 dB at 1 Mpts memory depth
Window Modes
Hanning, Flattop, Rectangular
Performance Characteristics continued



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com