Electronic Components Datasheet Search
  English  ▼

X  

54831 Datasheet(PDF) 17 Page - Agilent(Hewlett-Packard)

Part # 54831
Description  Infiniium 54830 Series Oscilloscopes
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

54831 Datasheet(HTML) 17 Page - Agilent(Hewlett-Packard)

Back Button 54831 Datasheet HTML 13Page - Agilent(Hewlett-Packard) 54831 Datasheet HTML 14Page - Agilent(Hewlett-Packard) 54831 Datasheet HTML 15Page - Agilent(Hewlett-Packard) 54831 Datasheet HTML 16Page - Agilent(Hewlett-Packard) 54831 Datasheet HTML 17Page - Agilent(Hewlett-Packard) 54831 Datasheet HTML 18Page - Agilent(Hewlett-Packard) 54831 Datasheet HTML 19Page - Agilent(Hewlett-Packard) 54831 Datasheet HTML 20Page - Agilent(Hewlett-Packard) 54831 Datasheet HTML 21Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 30 page
background image
17
Options and Accessories continued
Active Probes (Options 011, 012, 019)
Probing high-frequency signals
becomes more challenging as the
variety of test points and the fre-
quencies of the signals continue
to grow. Probes need to be light-
weight, small, affordable, and
offer the accessories and probe
tips you require to get your job
done easily.
For high-speed differential
signal measurements, the 1130A
InfiniiMax differential probe
is a perfect compliment to the
Infiniium 54830 Series oscillo-
scopes. Its 1.5 GHz probe band-
width, extremely low input
capacitance, high common mode
rejection and the patented resis-
tor probe tip technology provide
ultra-low loading of the DUT and
superior signal fidelity.
The 1156A active probe is a
small, low-mass, active probe
with bandwidth up to 1.5 GHz.
The probe offers a flat frequency
response across the entire probe
bandwidth, giving you accurate
insight into your high-speed
measurement. Agilent offers
a variety of probe tips to help
you probe any test point, and
the revolutionary EZ-Probe
Positioner® option provides sta-
ble, accurate X, Y, Z positioning
of your probe.
The 1155A probe is a low-mass,
versatile, and affordable 2-chan-
nel, 750-MHz active probe. Used
with an optional Wedge Probe
Adapter, this combination is an
excellent solution for probing
TQFP and PQFP packages. When
used with the standard grabber
tips, the 1155A can be used to
probe any test point. When used
with the 600 MHz Infiniium
oscilloscopes, this pairing deliv-
ers 2 channels with a system
bandwidth of 500 MHz.
For more information on probing
solutions, accessories, and
options, please visit our web site
at www.agilent.com/find/infiniium;
and see the Infiniium 54800
Series Oscilloscope Probes,
Accessories, and Options
Selection Guide, (Agilent litera-
ture No. 5968-7141 EN/EUS) and
many other useful documents
and webpages.
Single-Ended/
Model
Probe Bandwidth
System Bandwidth
Channels
Differential
Option No.
1155A
750 MHz
500 MHz with 54830B/D or 31B/D
2
single
011
1156A
1.5 GHz
1 GHz with 54832B/D or 33A/D
1
single
012
1130A
1.5 GHz
1 GHz with 54832B/D or 33A/D
1
differential*
019
* InfiniiMax 1130A probe amplifier supports both differential and single-ended measurements, depending on the choice of probe head and accessories.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com