| Electronic Components Datasheet Search |
|
54831 Datasheet(PDF) 12 Page - Agilent(Hewlett-Packard) |
|
|
|||||||||||||||||||||||||||||
54831 Datasheet(HTML) 12 Page - Agilent(Hewlett-Packard) |
|
12 / 30 page ![]() 12 Options and Accessories Microsoft Windows XP Pro open operating system with expanded 512MB CPU memory. The new system software offers users reliable system perform- ance and the ability to run Windows applications inside the scope, making it a one-box acquisition/analysis solution. Infiniium Performance Upgrade Kit (N5383A) The N5383A Infiniium Performance Upgrade Kit upgrades your existing Infiniium 54830 Series oscilloscopes to the A.03.10 or higher version of the system software based on application directly from the oscilloscope’s front panel or graphical user interface. Any program that can be run under Windows XP can be launched from Infiniium scope, including applications such as Agilent VEE, Microsoft Excel, or MATLAB®. My Infiniium Integration Package* (Option 006 or E2699A) The E2699A My Infiniium Integration Package option allows you to extend the power of your Infiniium oscilloscope by letting you launch your hold time, measurement his- tograms, measurement trending and jitter spectrum. Our jitter option provides a setup wizard to guide you through the setup of the jitter measurement, how each jitter measurement works, and tells you when to use it. EZJIT Jitter Analysis Software* (Option 015 or E2681A) The E2681A Jitter Analysis option provides the most commonly needed jitter meas- urements, including cycle-cycle jitter, N-cycle jitter, period jitter, time interval error, setup and signals. The option provides four mask templates for 10BaseT testing, two mask templates for 100BaseT testing, and six mask templates for 1000BaseT testing as defined by IEEE 802.3 specification. Ethernet Masks* (E2698A) The E2698A Ethernet Masks option provides mask templates for 1000BaseTX, 100BaseT and 10BaseT. These masks provide pass/fail testing for Ethernet with the Infiniium 54830 Series oscilloscopes provides the most repeatable and fully-featured jit- ter measurements for serial data streams, PLLs and high-speed clock designs. Time Interval and Jitter Analysis* (E269xA and N538xA) The E269xA and N538xA Time Interval and Jitter Analysis soft- ware licensed from Amherst System Associates combined * This option works with all 54830 Series Infiniium oscilloscopes and requires Infiniium system software version A.03.10 or higher. Existing 54830 Series users can order the N5383A Infiniium performance upgrade kit to move from A.02.xx (Windows 98) to A.03.xx (Windows XP Pro) or higher revision of the system software. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |