Electronic Components Datasheet Search
  English  ▼

X  

54831 Datasheet(PDF) 18 Page - Agilent(Hewlett-Packard)

Part # 54831
Description  Infiniium 54830 Series Oscilloscopes
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

54831 Datasheet(HTML) 18 Page - Agilent(Hewlett-Packard)

Back Button 54831 Datasheet HTML 14Page - Agilent(Hewlett-Packard) 54831 Datasheet HTML 15Page - Agilent(Hewlett-Packard) 54831 Datasheet HTML 16Page - Agilent(Hewlett-Packard) 54831 Datasheet HTML 17Page - Agilent(Hewlett-Packard) 54831 Datasheet HTML 18Page - Agilent(Hewlett-Packard) 54831 Datasheet HTML 19Page - Agilent(Hewlett-Packard) 54831 Datasheet HTML 20Page - Agilent(Hewlett-Packard) 54831 Datasheet HTML 21Page - Agilent(Hewlett-Packard) 54831 Datasheet HTML 22Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 30 page
background image
18
Vertical : Analog Channels
54830B, 54831B, 54832B, 54833A, 54830D, 54831D, 54832D and 54833D
Input Channels
54830B/54833A: 2 analog
54830D/54833D: 2 analog + 16 digital
54831B/54832B: 4 analog
54831D/54832D: 4 analog + 16 digital
Analog Bandwidth @50
Ω (-3 dB)*1
54830B/D, 54831B/D:
600 MHz
54832B/D, 54833A/D:
1 GHz
Calculated Rise Time2 @50
Ω
54830D/B, 54831B/D:
583 ps
54832B/D, 54833A/D:
350 ps
Input Impedance*
1 M
Ω ± 1% (13 pF typical), 50 Ω ± 1.5%
Sensitivity3
1 mV/div to 5 V/div (1 M
Ω)
1 mV/div to 1 V/div (50
Ω)
Input Coupling
1 M
Ω: AC, DC; 50 Ω:DC
Hardware Bandwidth Limit
20 MHz
Vertical Resolution4
8 bits,
≥12 bits with averaging
Channel-to-Channel Isolation
DC to 50 MHz: 50 dB
(any two channels with equal V/div settings)
>50 MHz to 500 MHz: 40 dB
>500 MHz to 1 GHz: 30 dB
DC Gain Accuracy*3, 5
± 1.25% of full scale at full resolution channel scale
Maximum Input Voltage*
1 M
Ω
150 V RMS or DC, CAT I
± 250 V (DC + AC) in AC coupling
50
Ω
5 Vrms, CAT I
Offset Range
Vertical Sensitivity
Available Offset
1 M
Ω
1 mV to <10 mV/div
± 2 V
10 mV to <20 mV/div
± 5 V
20 mV to <100 mV/div
± 10 V
100 mV to <1 V/div
± 20 V
1 V to 5 V/div
± 100 V
50
Ω
1 mV to <5 mV/div
± 2 V
5 mV to <200 mV/div
± 5 V
200 mV to 1 V/div
± 20 V
Offset Accuracy*3
± (1.25% of channel offset+2% of full scale+1 mV)
Dynamic Range
± 8 div from center screen (1 M
Ω)
± 12 div from center screen (50
Ω)
DC Voltage Measurement Accuracy*3, 5
Dual Cursor
± [(DC gain accuracy)+(resolution)]
Single Cursor
± [(DC gain accuracy)+(offset accuracy)+(resolution/2)]
Example for single cursor accuracy for 70 mV signal, 10 mV/div, 0 offset: Accuracy =
± [1.25% (80 mV) + (1.25% (0) + 2% (80 mV) + 1 mV ) + (0.4%/2) (80 mV)] = ±3.8 mV
Performance Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com