Electronic Components Datasheet Search
  English  ▼

X  

54831 Datasheet(PDF) 10 Page - Agilent(Hewlett-Packard)

Part # 54831
Description  Infiniium 54830 Series Oscilloscopes
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

54831 Datasheet(HTML) 10 Page - Agilent(Hewlett-Packard)

Back Button 54831 Datasheet HTML 6Page - Agilent(Hewlett-Packard) 54831 Datasheet HTML 7Page - Agilent(Hewlett-Packard) 54831 Datasheet HTML 8Page - Agilent(Hewlett-Packard) 54831 Datasheet HTML 9Page - Agilent(Hewlett-Packard) 54831 Datasheet HTML 10Page - Agilent(Hewlett-Packard) 54831 Datasheet HTML 11Page - Agilent(Hewlett-Packard) 54831 Datasheet HTML 12Page - Agilent(Hewlett-Packard) 54831 Datasheet HTML 13Page - Agilent(Hewlett-Packard) 54831 Datasheet HTML 14Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
10
Infiniium: Simplifying tasks with easy access to advanced features
E-Mail on Trigger
Infiniium can automatically send
an e-mail with a bit map of the
display when the scope triggers.
You can have your Infiniium
send an e-mail to you or a
message to your cell phone then
control your scope from any
Java-enabled web browser.
Web-Enabled Control
For distributed teams, simply set
up Infiniium on your LAN, and up
to three users can access it from
any Java™-enabled Web browser.
No special software is required.
You can easily grab screen shots
for a report, or troubleshoot
designs at a remote location.
Dual Monitor Support
Dual Monitor mode
allows you to run
third-party applications
on a large, external
monitor with up to SXGA
resolution (1280 x 1024
pixels) while using the
scope’s built-in monitor
for waveform display.
Infiniium IVI-COM Driver
For higher-level of instrument
control, utilize the Infiniium
IVI-COM instrument driver in
your application. This IVI-COM
driver takes full advantage of
industry accepted standards
and is compatible in application
development environments
such as Visual Studio® as well
as in test and measurement
development environments
such as Agilent VEE Pro
and National Instruments®
LabView®. The Infiniium
IVI-COM Instrument driver
allows for easier use, higher
performance, and instrument
interchangeability in your
oscillscope control program.
Download the Infiniium IVI-COM
driver for free from Agilent
Developer’s Network at
www.agilent.com/find/adn.
Windows XP Pro Open System
Want to run Windows applica-
tions inside your Infiniium
scope? Yes you can. All Infiniium
54830 Series scopes are based on
Windows XP Pro open platform
that allows you to run Windows
applications inside the Infiniium
to add advanced analysis and
functionaliy to the scope.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com