Electronic Components Datasheet Search
  English  ▼

X  

54831 Datasheet(PDF) 26 Page - Agilent(Hewlett-Packard)

Part # 54831
Description  Infiniium 54830 Series Oscilloscopes
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

54831 Datasheet(HTML) 26 Page - Agilent(Hewlett-Packard)

Back Button 54831 Datasheet HTML 22Page - Agilent(Hewlett-Packard) 54831 Datasheet HTML 23Page - Agilent(Hewlett-Packard) 54831 Datasheet HTML 24Page - Agilent(Hewlett-Packard) 54831 Datasheet HTML 25Page - Agilent(Hewlett-Packard) 54831 Datasheet HTML 26Page - Agilent(Hewlett-Packard) 54831 Datasheet HTML 27Page - Agilent(Hewlett-Packard) 54831 Datasheet HTML 28Page - Agilent(Hewlett-Packard) 54831 Datasheet HTML 29Page - Agilent(Hewlett-Packard) 54831 Datasheet HTML 30Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 26 / 30 page
background image
26
Agilent Model
Channels
Bandwidth
Sample Rate
Standard Memory Depth
54830D
2+16
600 MHz
54831D
4+16
600 MHz
54832D
4+16
1 GHz
54833D
2+16
1 GHz
54830B
2
600 MHz
54831B
4
600 MHz
54832B
4
1 GHz
54833A
2
1 GHz
The above models include: Optical USB Mouse, Condensed Keyboard, User's Quick Start Guide in English language (other languages also available),
Documentation CD (Service Guide, Programmer’s Guide), Information System in English language, accessory pouch (54810-68701), front panel cover,
power cord, and one-year warranty.
Ordering Information and Configuration
4 GSa/s (interleaved = CH/2)
2 GSa/s on each channel
4 M (interleaved = CH/2)
2 M on each channel
Standard Probes Included
Agilent Model
Passive Probes
Logic Cable Kit
54830D
1165A 10:1 10 M
Ω probes (Qty 2)
54826-68701 MSO logic cable kit (Qty 1)
54831D
1165A 10:1 10 M
Ω probes (Qty 4)
54826-68701 MSO logic cable kit (Qty 1)
54832D*
None
54826-68701 MSO logic cable kit (Qty 1)
54833D*
None
54826-68701 MSO logic cable kit (Qty 1)
54830B
1165A 10:1 10 M
Ω probes (Qty 2)
None
54831B
1165A 10:1 10 M
Ω probes (Qty 4)
None
54832B*
None
None
54833A*
None
None
* Passive probes not included, please order option 001, 002, 004, or active probe option 012, 019 (for 54832B/D, 54833A/D).
1 M (interleaved = CH/2)
500 K on each channel
For information about higher
bandwidth scope and probing
solutions up to 13 GHz of
system bandwidth, please
visit our web site at
www.agilent.com/find/infiniimax
New 54852A, 2 GHz bandwidth,
10 GSa/s sample rate per channel
affordably priced. More
information available at
www.agilent.com/find/infiniimax



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com