Electronic Components Datasheet Search
  English  ▼

X  

54831 Datasheet(PDF) 19 Page - Agilent(Hewlett-Packard)

Part # 54831
Description  Infiniium 54830 Series Oscilloscopes
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

54831 Datasheet(HTML) 19 Page - Agilent(Hewlett-Packard)

Back Button 54831 Datasheet HTML 15Page - Agilent(Hewlett-Packard) 54831 Datasheet HTML 16Page - Agilent(Hewlett-Packard) 54831 Datasheet HTML 17Page - Agilent(Hewlett-Packard) 54831 Datasheet HTML 18Page - Agilent(Hewlett-Packard) 54831 Datasheet HTML 19Page - Agilent(Hewlett-Packard) 54831 Datasheet HTML 20Page - Agilent(Hewlett-Packard) 54831 Datasheet HTML 21Page - Agilent(Hewlett-Packard) 54831 Datasheet HTML 22Page - Agilent(Hewlett-Packard) 54831 Datasheet HTML 23Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 30 page
background image
19
Vertical: Digital Channels
(54830D/31D/32D/33D only)
Number of Channels
16 Digital – labeled D15 – D0
Threshold Groupings
Pod 1: D7 – D0
Pod 2: D15 – D8
Threshold Selections
TTL, 5.0V CMOS, 3.3V CMOS, 2.5V CMOS, ECL, PECL, User Defined
User-Defined Threshold Range
±8.00 V in 10 mV increments
Maximum Input Voltage
±40 V peak CAT I
Threshold Accuracy*
±(100 mV + 3% of threshold setting)
Input Dynamic Range
±10 V about threshold
Minimum Input Voltage Swing
500 mV peak-to-peak
Input Impedance
100 k
Ω ± 2% (~ 8 pF) at probe tip
Channel-to-Channel Skew
2 ns typical, 3 ns maximum
Glitch Detect
≥ 2.5 ns
Resolution
1 bit
Horizontal
54830B, 54831B, 54832B, 54833A, 54830D, 54831D, 54832D and 54833D
Main Time Base Range
54830B/D, 54831B/D
54832B/D, 54833A/D
500 ps/div to 20 s/div
200 ps/div to 20 s/div
Horizontal Position Range
0 to ± 200 s
Delayed Sweep Range
1 ps/div to current main time base setting
Resolution
4 ps
Timebase Accuracy
15 ppm (±0.0015%)
Delta-Time Measurement Accuracy
54830B/D, 54831B/D
54832B/D, 54833A/D
≥ 256 Averages, RMS
500 fs rms
400 fs rms
≥ 256 Averages, Peak
±[(2.2 ps) + (15x10-6 x |reading|)] peak
±[(2.0 ps) + (15x10-6 x |reading|)] peak
Average Disabled, RMS
10 ps rms
7 ps rms
Average Disabled, Peak
±[(35 ps) + (15x10-6 x |reading|)] peak
±[(25 ps) + (15x10-6 x |reading|)] peak
Channel-to-Channel Deskew Range
–100 µs to 100 µs
Modes
Main, Delayed, Roll
Reference Positions
Left, Center, Right
Jitter Measurement Floor
54830B/D, 54831B/D
54832B/D, 54833A/D
Time Interval Error
7 ps rms
5 ps rms
Period Jitter
10 ps rms
7 ps rms
N-Cycle, Cycle-Cycle Jitter
15 ps rms
11 ps rms
Performance Characteristics continued



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com