Electronic Components Datasheet Search
  English  ▼

X  

54831 Datasheet(PDF) 9 Page - Agilent(Hewlett-Packard)

Part # 54831
Description  Infiniium 54830 Series Oscilloscopes
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

54831 Datasheet(HTML) 9 Page - Agilent(Hewlett-Packard)

Back Button 54831 Datasheet HTML 5Page - Agilent(Hewlett-Packard) 54831 Datasheet HTML 6Page - Agilent(Hewlett-Packard) 54831 Datasheet HTML 7Page - Agilent(Hewlett-Packard) 54831 Datasheet HTML 8Page - Agilent(Hewlett-Packard) 54831 Datasheet HTML 9Page - Agilent(Hewlett-Packard) 54831 Datasheet HTML 10Page - Agilent(Hewlett-Packard) 54831 Datasheet HTML 11Page - Agilent(Hewlett-Packard) 54831 Datasheet HTML 12Page - Agilent(Hewlett-Packard) 54831 Datasheet HTML 13Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
9
AutoMask and Mask Test
Mask testing is simplified with
AutoMask. Acquire a waveform,
define tolerance limits, and create
a test envelope. Mask testing pro-
vides a pass/fail comparison of an
incoming signal to the test enve-
lope. Easily test your design’s con-
formance to industry standards
with the Communication Mask
Test Kit option.
Advanced Triggering
Advanced triggers are essential
when investigating known prob-
lems. Infiniium offers a full range
of advanced triggers to help
you isolate and capture the con-
dition you need to characterize.
Advanced trigger setups are sim-
plified by using intuitive dialog
boxes with descriptive graphics.
Color-Graded Persistence
with Histograms
By providing seven levels
of color grades for a visual
representation of waveform
distribution, color-graded
persistence makes it easy to
pick out signal anomalies and
see how often they occur.
Histograms quantify both noise
and jitter in your target system.
Infiniium: Simplifying tasks with easy access to advanced features
Intensity-Graded Persistence
The intensity-graded persistence
mode displays waveforms in the
seven levels of intensity grades,
enabling you to capture elusive
signal anomalies in complex
waveforms using user defined
decay time.
High/Low Pass Filter
Applies a real-time digital filter
to the source waveform that you
choose. This filtering feature
enhances your ability to examine
important signal components by
filtering out unwanted frequency
components.
QuickMeasure and Statistics
Instantly make four common
measurements on your signal,
with easy-to-read statistics, by
pressing the QuickMeas+ button
on the front of your Infiniium.
The measurements displayed can
be easily customized.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com