Electronic Components Datasheet Search
  English  ▼

X  

54831 Datasheet(PDF) 15 Page - Agilent(Hewlett-Packard)

Part # 54831
Description  Infiniium 54830 Series Oscilloscopes
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

54831 Datasheet(HTML) 15 Page - Agilent(Hewlett-Packard)

Back Button 54831 Datasheet HTML 11Page - Agilent(Hewlett-Packard) 54831 Datasheet HTML 12Page - Agilent(Hewlett-Packard) 54831 Datasheet HTML 13Page - Agilent(Hewlett-Packard) 54831 Datasheet HTML 14Page - Agilent(Hewlett-Packard) 54831 Datasheet HTML 15Page - Agilent(Hewlett-Packard) 54831 Datasheet HTML 16Page - Agilent(Hewlett-Packard) 54831 Datasheet HTML 17Page - Agilent(Hewlett-Packard) 54831 Datasheet HTML 18Page - Agilent(Hewlett-Packard) 54831 Datasheet HTML 19Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 30 page
background image
15
Options and Accessories continued
Communication Mask Test Kit
(E2625A)
Take the frustration out of com-
munications testing and prove
your designs conform to indus-
try standards with the
Communication Mask Test Kit
option. Infiniium’s familiar
Windows interface makes it easy
for you to access the masks you
need and configure your tests.
In addition, the Communication
Mask Test Kit comes with a set of
electrical communication adapters
to ensure convenient, reliable,
and accurate connections to
your device under test. Includes
more than 20 industry-standard
ANSI T1.102, ITU-T G.703, and
IEEE 802.3 communication sig-
nal mask templates. This option
works with all Infiniium 54800
Series oscilloscopes.
Logic Analyzer/Oscilloscope
Time-Correlation Fixture (E5850A)
Now you can more effectively
verify and track down problems
between the analog and digital
portions of a design. Easily make
time-correlated measurements
between an Agilent 16700 Series
logic analysis system or Agilent
1680/90 Series benchtop logic
analyzer and an Infiniium 54800
Series oscilloscope. With the
Vector Signal Analysis software for
Infiniium (89601A)
The 89601A Vector Signal
Analyzer (VSA) software, used
with the Infiniium oscilloscope,
enables flexible signal analysis
and demodulation up to 13 GHz
bandwidth for troubleshooting
wideband modulated signals in
E5850A Time-Correlation Fixture,
you can trigger the Infiniium
from the logic analyzer (or vice
versa), automatically deskew the
waveforms, and simultaneously
view the Infiniium analog wave-
forms and the logic analyzer’s
timing waveforms on your
Agilent logic analyzer. This
option works with all Infiniium
54800 Series oscilloscopes.
radar and communications appli-
cations. The solution provides:
•Flexible demodulation for meas-
uring constellation diagrams,
carrier offset, and frequency
error for QPSK signals, 256 QAM
signals and much more
•display formats including
spectrogram, phase vs. time,
and frequency vs. time for
rapid insight into complex
signal behavior
•Error vector magnitude
measurements (with 89601A
option AYA)
•Markers to facilitate frequency,
amplitude, offset, power,
phase, other measurements
•Time gating that allows you
to select specific portion of
signals for signal analysis
•Variable frequency resolution



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com