Electronic Components Datasheet Search
  English  ▼

X  

54831 Datasheet(PDF) 23 Page - Agilent(Hewlett-Packard)

Part # 54831
Description  Infiniium 54830 Series Oscilloscopes
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

54831 Datasheet(HTML) 23 Page - Agilent(Hewlett-Packard)

Back Button 54831 Datasheet HTML 19Page - Agilent(Hewlett-Packard) 54831 Datasheet HTML 20Page - Agilent(Hewlett-Packard) 54831 Datasheet HTML 21Page - Agilent(Hewlett-Packard) 54831 Datasheet HTML 22Page - Agilent(Hewlett-Packard) 54831 Datasheet HTML 23Page - Agilent(Hewlett-Packard) 54831 Datasheet HTML 24Page - Agilent(Hewlett-Packard) 54831 Datasheet HTML 25Page - Agilent(Hewlett-Packard) 54831 Datasheet HTML 26Page - Agilent(Hewlett-Packard) 54831 Datasheet HTML 27Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 30 page
background image
23
Display, Computer System
and Peripherals, I/O Ports
54830B, 54831B, 54832B, 54833A, 54830D, 54831D, 54832D and 54833D
Display
8.4 inch diagonal color TFT-LCD
Resolution
640 pixels horizontally x 480 pixels vertically
Annotation
Up to 12 labels, with up to 100 characters each can be inserted into the waveform area
Waveform Styles
Connect Dots, Dots, Persistence (minimum, variable, infinite), Color Graded Infinite Persistence
Simultaneous Grids
1, 2, or 4
Display Update Rate7
Standard Waveforms/second
> 3,100
Standard Vp-p Measurements/second
> 190
Maximum Waveforms/second
> 8,800
Maximum Vp-p Measurements/second > 200
Deep Memory Waveforms/second
> 50
Deep Memory Vp-p
> 10
Measurements/second
Computer System and Peripherals
CPU
Intel Pentium® III 1 GHz microprocessor
CPU Memory
512 MB
Drives
≥20 GB internal hard drive, CD-ROM drive on rear panel, LS-120 Superdisk floppy drive
reads/writes from/to both standard 3.5 inch 1.44 MB and 120 MB disks
Peripherals
Logitech optical USB mouse and condensed keyboard supplied. All Infiniium models
support any Windows compatible input device with a serial, PS/2 or USB interface
File Types
Waveforms
Internal Y values; X and Y values in ASCII or Microsoft Excel formats
Images
BMP, PCX, TIFF, GIF or JPEG
I/O Ports
LAN
RJ-45 connector, supports 10Base-T and 100Base-T. Enables Web-enabled remote
control, e-mail on trigger or demand, data/file transfers and network printing
GPIB
IEEE 488.2, fully programmable
RS-232 (serial)
COM1, printer and pointing device support
Parallel
Centronics printer port
PS/2
2 ports. Supports PS/2 pointing and input devices
USB
2 ports. Allows connection of USB peripherals and pointing devices while the oscilloscope is on
Video Output
15 pin VGA, full color
Auxiliary Output
DC (±2.4 V); square wave (715 Hz[±15%], [±5%]); trigger output (255 mV p-p into 50
Ω)
TTL Output
TTL compatible signal
Performance Characteristics continued



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com