Electronic Components Datasheet Search
  English  ▼

X  

54831 Datasheet(PDF) 28 Page - Agilent(Hewlett-Packard)

Part # 54831
Description  Infiniium 54830 Series Oscilloscopes
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

54831 Datasheet(HTML) 28 Page - Agilent(Hewlett-Packard)

Back Button 54831 Datasheet HTML 22Page - Agilent(Hewlett-Packard) 54831 Datasheet HTML 23Page - Agilent(Hewlett-Packard) 54831 Datasheet HTML 24Page - Agilent(Hewlett-Packard) 54831 Datasheet HTML 25Page - Agilent(Hewlett-Packard) 54831 Datasheet HTML 26Page - Agilent(Hewlett-Packard) 54831 Datasheet HTML 27Page - Agilent(Hewlett-Packard) 54831 Datasheet HTML 28Page - Agilent(Hewlett-Packard) 54831 Datasheet HTML 29Page - Agilent(Hewlett-Packard) 54831 Datasheet HTML 30Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 28 / 30 page
background image
28
Ordering Information and Configuration: Agilent Infiniium Options continued
Options
Description
Instrument Options (continued)
E2690A ADV-1
Advanced Time Interval and Jitter Analysis (one scope license)
(US and Canada)
N5385A ADV-1
(International)
E2691A ADV-4
Advanced Time Interval and Jitter Analysis (four scope licenses)
(US and Canada)
N5386A ADV-4
(International)
E2692A BAS-1
Basic Time Interval and Jitter Analysis (one scope license)
(US and Canada)
N5387A BAS-1
(International)
E2693A ADV-SA
Subscription for one-year advanced product updates
(US and Canada)
N5388A ADV-SA
(International)
E2694A BAS-SA
Subscription for one-year basic product updates
(US and Canada)
N5389A BAS-SA
(International)
N5397A
FPGA Dynamic Probe for Infiniium Mixed-Signal Oscilloscopes
N5392A
Ethernet Electrical Performance Validation and Compliance Software
N5395A
Ethernet Electrical Compliance Test Fixture
N5396A
Gigabit Ethernet Jitter Test Cable
E2698A
Ethernet Masks Option
USB 2.0 Test Option
E2645A
for 54800A Series
N2855A
for 54830B/D Series with software version A.02.xx
E2683A
for 54830B/D Series, 54833A and 54850A Series with software version A.03.10 or higher
E2646A
Additional USB 2.0 SQiDD Test Fixture
E2625A
Communication Mask Test Kit Option
VoiceControl Option (English only)
E2635A
for 54800A Series
N2850A
for 54830B/D Series with software version A.02.xx
E2682A
for 54830B/D Series and 54850A Series with software version A.03.10 or higher
1CM (E2609B)
Add one rackmount kit
1184A
Testmobile with keyboard and mouse tray, drawer for accessories
E5850A
Time-correlation fixture, link Infiniium scope to logic analyzer
Manual Options
OB3
Printed service manual
OBF
Printed programmer’s manual
AB2
Printed user’s quick start guide in simplified Chinese
ABJ
Printed user’s quick start guide in Japanese
Service Options
A6J
ANSI Z540-compliant calibration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com