Electronic Components Datasheet Search
  English  ▼

X  

54831 Datasheet(PDF) 27 Page - Agilent(Hewlett-Packard)

Part # 54831
Description  Infiniium 54830 Series Oscilloscopes
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

54831 Datasheet(HTML) 27 Page - Agilent(Hewlett-Packard)

Back Button 54831 Datasheet HTML 22Page - Agilent(Hewlett-Packard) 54831 Datasheet HTML 23Page - Agilent(Hewlett-Packard) 54831 Datasheet HTML 24Page - Agilent(Hewlett-Packard) 54831 Datasheet HTML 25Page - Agilent(Hewlett-Packard) 54831 Datasheet HTML 26Page - Agilent(Hewlett-Packard) 54831 Datasheet HTML 27Page - Agilent(Hewlett-Packard) 54831 Datasheet HTML 28Page - Agilent(Hewlett-Packard) 54831 Datasheet HTML 29Page - Agilent(Hewlett-Packard) 54831 Datasheet HTML 30Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 27 / 30 page
background image
27
Options
Description
Acquisition Memory Options (for analog channels only)
040
8 Mpts on half the acquisition channels (interleaved)
or 4 Mpts on each acquisition channel
080
16 Mpts on half the acquisition channels (interleaved)
or 8 Mpts on each acquisition channel
160
32 Mpts on half the acquisition channels (interleaved)
or 16 Mpts on each acquisition channel
320
64 Mpts on half the acquisition channels (interleaved)
or 32 Mpts on each acquisition channel
640
128 Mpts on half the acquisition channels (interleaved)
or 64 Mpts on each acquisition channel
N2845A*
After-purchase memory upgrade to obtain 4 Mpts/ch, 8 Mpts max
N2846A*
After-purchase memory upgrade to obtain 8 Mpts/ch, 16 Mpts max
* Users can install upgrades without opening the instrument case or requiring on-site service.
Probe Options
001
Add two 1165A, 10:1 passive probes for the 54830 Series
002
Add one 1162A 1:1 passive probe
004
Add four 1165A, 10:1 passive probes for the 54830 Series
005
Add one 54826-68701 logic probe kit
(This probe kit comes standard with the 54830D/31D/32D/33D)
007
Add one Wedge adapter kit (1 each 3/8/16 signals, 0.5 mm)
008
Add one 1153A 200 MHz differential probe
011
Add one 1155A 2 Channel, 750 MHz active probe
012
Add one 1156A 1.5 GHz active probe
016 (E2654A)
EZ-Probe‚ Positioner: includes base, joystick, and articulating arm
017
≥ 20 GB removable hard disk drive. Replaces ≥ 20 GB internal hard disk
with a
≥ 20 Gb removable hard disk. Order the N5390A for additional hard
disk drive cartridges that contain the full Windows operating system and
oscilloscope application.
1130A
1.5 GHz InfiniiMax probe amplifier – NO PROBE HEADS INCLUDED†
E2675A
InfiniiMax differential browser probe head kit
E5396A
Half-Size (17 channel) Soft touch connecterless Logic Probe for MSO models
† For a complete probing solution, also order a connectivity kit or individual probe head(s). Recommend E2675A differential browser probe head.
Instrument Options
N5383A
Infiniium Performance Upgrade Kit for Infiniium 54830 Series oscilloscopes.
Required to upgrade system software from A.02.xx (Windows 98) to
A.03.xx or higher (Windows XP Pro)
006 (E2699A)
My Infiniium Integration Package Option
003 (N5384A)
High-Speed Serial Data Analysis Software Option
021 (N5391A)
Low-Speed Serial Data Analysis Software Option
015 (E2681A)
EZJIT Jitter Analysis Software Option
Ordering Information and Configuration: Agilent Infiniium Options



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com