Electronic Components Datasheet Search
  English  ▼

X  

54831 Datasheet(PDF) 24 Page - Agilent(Hewlett-Packard)

Part # 54831
Description  Infiniium 54830 Series Oscilloscopes
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

54831 Datasheet(HTML) 24 Page - Agilent(Hewlett-Packard)

Back Button 54831 Datasheet HTML 20Page - Agilent(Hewlett-Packard) 54831 Datasheet HTML 21Page - Agilent(Hewlett-Packard) 54831 Datasheet HTML 22Page - Agilent(Hewlett-Packard) 54831 Datasheet HTML 23Page - Agilent(Hewlett-Packard) 54831 Datasheet HTML 24Page - Agilent(Hewlett-Packard) 54831 Datasheet HTML 25Page - Agilent(Hewlett-Packard) 54831 Datasheet HTML 26Page - Agilent(Hewlett-Packard) 54831 Datasheet HTML 27Page - Agilent(Hewlett-Packard) 54831 Datasheet HTML 28Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 30 page
background image
24
General Characteristics
54830B, 54831B, 54832B, 54833A, 54830D, 54831D, 54832D and 54833D
Temperature
Operating
0°C to + 50°C
Non-operating
–40°C to + 70°C
Humidity
Operating
Up to 95% relative humidity (non-condensing) at +40°C
Non-operating
Up to 90% relative humidity at +65°C
Altitude
Operating
Up to 4,600 meters (15,000 feet)
Non-operating
Up to 15,300 meters (50,000 feet)
Vibration
Operating
Random vibration 5-500 Hz, 10 minutes per axis, 0.3 g(rms)
Non-operating
Random vibration 5-500 Hz, 10 minutes per axis, 2.41 g(rms); resonant search 5-500 Hz, swept
sine, 1 octave/minute sweep rate, (0.75g), 5 minute resonant dwell at 4 resonances per axis
Power
100-240 VAC, ± 10%, Cat II, 47 to 440 Hz; Max power dissipated: 390 W
Weight
Net: 13.4 kg (29.5 lbs.)
Shipping: 16.4 kg (36.1 lbs.)
Dimensions (excluding handle)
Height: 216 mm (8.5 in); Width: 437 mm (17.19 in); Depth: 440 mm (17.34 in)
Safety
Meets IEC1010-1 +A2, CSA certified to C22.2 No.1010.1, Self certified to UL 3111
*
Denotes Warranted Specifications, all others are typical. Specifications are valid after a 30-minute warm-up period and ±10°C from firmware calibration temperature.
1
Typical system bandwidth for 54830 Series in 1 M
Ω input with standard 1165A passive probe attached is 600 MHz.
2
Rise time figures for 54830 Series are calculated from t r = 0.35/bandwidth.
3
54830B/31B/32B/33A/30D/31D/32D/33D: Magnification is used below 5 mV/div range. Below 5 mV/div, full scale is defined as 40 mV. Full scale is defined as the major
attenuator setting above an intermediate setting. (Major settings 50
Ω: 10 mV, 20 mV, 50 mV, 100 mV, 200 mV, 500 mV, 1 V, 1 MΩ: all of the above plus 2 V).
4
Vertical resolution for 8 bits = 0.4% of full scale, for 12 bits = 0.024% of full scale.
5
The dc gain accuracy decreases 0.08% of full scale per degree C from the firmware calibration temperature.
6
FFT amplitude readings are affected by input amplifier roll-off 54830/31B/D (–3 dB at 600 MHz, with amplitude decreasing as frequency increases above 600 MHz),
54832B/32D/33A/33D: (–3 dB at 1 GHz, with amplitude decreasing as frequency increases above 1 GHz).
7
Standard measurement condition: Real time mode, 512 pts memory, minimum persistence display mode, triggered sweep mode, no interpolation, markers off, math off,
connect dots off, 1 channel acquisition, 50 ns/div, only analog channels on (for 54830D models). Maximum condition is the same as standard condition except time/div is
set to 1 ns/div. Deep memory condition is the same as standard condition except time/div is set to 200 µs/div and memory depth is set to 8 Mpts per channel.
8
For 54830B Series specification valid for vertical ranges > 5 mV / div.
9
Noise floor varies as memory depth increases with averaging on.
10 Standard feature with version A.03.70 system software or higher, but only available on 54830B/31B/32B models with serial number MY41003401 or greater,
54830D/31D/32D models with MY42001701 or greater, or 54833A/33D models with MY43000601 or greater.
Performance Characteristics continued



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com