Electronic Components Datasheet Search
  English  ▼

X  

54831 Datasheet(PDF) 16 Page - Agilent(Hewlett-Packard)

Part # 54831
Description  Infiniium 54830 Series Oscilloscopes
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

54831 Datasheet(HTML) 16 Page - Agilent(Hewlett-Packard)

Back Button 54831 Datasheet HTML 12Page - Agilent(Hewlett-Packard) 54831 Datasheet HTML 13Page - Agilent(Hewlett-Packard) 54831 Datasheet HTML 14Page - Agilent(Hewlett-Packard) 54831 Datasheet HTML 15Page - Agilent(Hewlett-Packard) 54831 Datasheet HTML 16Page - Agilent(Hewlett-Packard) 54831 Datasheet HTML 17Page - Agilent(Hewlett-Packard) 54831 Datasheet HTML 18Page - Agilent(Hewlett-Packard) 54831 Datasheet HTML 19Page - Agilent(Hewlett-Packard) 54831 Datasheet HTML 20Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
16
Options and Accessories continued
Instrument Viewer
®
The MicroOptical® SV-3
Instrument Viewer projects an
image of your Infiniium VGA
display in front of you, like
having a monitor anywhere you
want it. For additional informa-
tion and ordering instructions,
contact the MicroOptical Corp or
see http://www.microoptical.net.
VoiceControl Option
(E2682A or N2850A)
If you’re making measurements
on target systems with densely
packed ICs, your hands are tied
up holding probes, making it
difficult to turn knobs and press
buttons on the front panel of
your scope. Infiniium’s award-
winning VoiceControl option
solves this problem. Just
speak into the collar-mounted
microphone to operate your
Infiniium’s front-panel controls
without using your hands.
Simply tell the scope what you
want it to do, using natural
English-language commands,
Testmobile (1184A)
Agilent’s 1184A testmobile pro-
vides a convenient solution for
your portability and storage needs.
The 1184A includes a drawer for
accessories and a keyboard tray
with a mouse extension for either
right- or left-hand operation.
such as “set channel one to
1.25 volts per division.” The
VoiceControl system does not
require the scope to be trained
to understand a particular user.
This option works with all
Infiniium 54800 Series
oscilloscopes.
Order N2850A for an existing
Infiniium 54830 Series
(version A.02.xx) purchase.
Order E2682A for a new
Infiniium 54830 Series (version
A.03.10 or later) purchase.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com