Electronic Components Datasheet Search
  English  ▼

X  

AD9627 Datasheet(PDF) 44 Page - Analog Devices

Part # AD9627
Description  1.8 V Dual Analog-to-Digital Converter
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9627 Datasheet(HTML) 44 Page - Analog Devices

Back Button AD9627 Datasheet HTML 40Page - Analog Devices AD9627 Datasheet HTML 41Page - Analog Devices AD9627 Datasheet HTML 42Page - Analog Devices AD9627 Datasheet HTML 43Page - Analog Devices AD9627 Datasheet HTML 44Page - Analog Devices AD9627 Datasheet HTML 45Page - Analog Devices AD9627 Datasheet HTML 46Page - Analog Devices AD9627 Datasheet HTML 47Page - Analog Devices AD9627 Datasheet HTML 48Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 77 page
background image
AD9627
Rev. B | Page 43 of 76
MEMORY MAP
READING THE MEMORY MAP REGISTER TABLE
Each row in the memory map register table has eight bit locations.
The memory map is roughly divided into four sections: the chip
configuration registers (Address 0x00 to Address 0x02); the
channel index and transfer registers (Address 0x05 and
Address 0xFF); the ADC functions registers, including setup,
control, and test (Address 0x08 to Address 0x25); and the digital
feature control registers (Address 0x100 to Address 0x11B).
The memory map register table (see Table 25) documents the
default hexadecimal value for each hexadecimal address shown.
The column with the heading Bit 7 (MSB) is the start of the
default hexadecimal value given. For example, Address 0x18,
the VREF select register, has a hexadecimal default value of 0xC0.
This means that Bit 7 = 1, Bit 6 = 1, and the remaining bits are 0s.
This setting is the default reference selection setting. The default
value uses a 2.0 V p-p reference. For more information on this
function and others, see Application Note AN-877, Interfacing to
High Speed ADCs via SPI. This document details the functions
controlled by Register 0x00 to Register 0xFF. The remaining
registers, from Register 0x100 to Register 0x11B, are documented
in the Memory Map Register Description section.
Open Locations
All address and bit locations that are not included in Table 25
are not currently supported for this device. Unused bits of a
valid address location should be written with 0s. Writing to these
locations is required only when part of an address location is
open (for example, Address 0x18). If the entire address location
is open (for example, Address 0x13), this address location should
not be written.
Default Values
After the AD9627 is reset, critical registers are loaded with
default values. The default values for the registers are given in
the memory map register table, Table 25.
Logic Levels
An explanation of logic level terminology follows:
“Bit is set” is synonymous with “bit is set to Logic 1” or
“writing Logic 1 for the bit.”
“Clear a bit” is synonymous with “bit is set to Logic 0” or
“writing Logic 0 for the bit.”
Transfer Register Map
Address 0x08 to Address 0x18 are shadowed. Writes to these
addresses do not affect part operation until a transfer command
is issued by writing 0x01 to Address 0xFF, setting the transfer bit.
This allows these registers to be updated internally and simulta-
neously when the transfer bit is set. The internal update takes
place when the transfer bit is set, and the bit autoclears.
Channel-Specific Registers
Some channel setup functions, such as the signal monitor
thresholds, can be programmed differently for each channel.
In these cases, channel address locations are internally duplicated
for each channel. These registers and bits are designated in Table 25
as local. These local registers and bits can be accessed by setting
the appropriate Channel A or Channel B bits in Register 0x05.
If both bits are set, the subsequent write affects the registers of
both channels. In a read cycle, only Channel A or Channel B
should be set to read one of the two registers. If both bits are set
during an SPI read cycle, the part returns the value for Channel A.
Registers and bits designated as global in Table 25 affect the
entire part or the channel features where independent settings are
not allowed between channels. The settings in Register 0x05 do
not affect the global registers and bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com