Electronic Components Datasheet Search
  English  ▼

X  

AD9627 Datasheet(PDF) 28 Page - Analog Devices

Part # AD9627
Description  1.8 V Dual Analog-to-Digital Converter
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9627 Datasheet(HTML) 28 Page - Analog Devices

Back Button AD9627 Datasheet HTML 24Page - Analog Devices AD9627 Datasheet HTML 25Page - Analog Devices AD9627 Datasheet HTML 26Page - Analog Devices AD9627 Datasheet HTML 27Page - Analog Devices AD9627 Datasheet HTML 28Page - Analog Devices AD9627 Datasheet HTML 29Page - Analog Devices AD9627 Datasheet HTML 30Page - Analog Devices AD9627 Datasheet HTML 31Page - Analog Devices AD9627 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 77 page
background image
AD9627
Rev. B | Page 27 of 76
The output common-mode voltage of the AD8138 is easily set
with the CML pin of the AD9627 (see Figure 46), and the driver
can be configured in a Sallen-Key filter topology to provide
band limiting of the input signal.
AVDD
1V p-p
49.9
Ω
523
Ω
0.1µF
R
R
C
499
Ω
499
Ω
499
Ω
AD8138
AD9627
VIN+
VIN–
CML
Figure 46. Differential Input Configuration Using the AD8138
For baseband applications where SNR is a key parameter,
differential transformer coupling is the recommended input
configuration. An example is shown in Figure 47. To bias the
analog input, the CML voltage can be connected to the center
tap of the secondary winding of the transformer.
2V p-p
49.9
Ω
0.1µF
R
R
C
AD9627
VIN+
VIN–
CML
Figure 47. Differential Transformer-Coupled Configuration
The signal characteristics must be considered when selecting
a transformer. Most RF transformers saturate at frequencies
below a few megahertz (MHz). Excessive signal power can also
cause core saturation, which leads to distortion.
At input frequencies in the second Nyquist zone and above, the
noise performance of most amplifiers is not adequate to achieve
the true SNR performance of the AD9627. For applications where
SNR is a key parameter, differential double balun coupling is the
recommended input configuration (see Figure 49).
An alternative to using a transformer-coupled input at frequencies
in the second Nyquist zone is to use the AD8352 differential driver.
An example is shown in Figure 50. See the AD8352 data sheet
for more information.
In any configuration, the value of Shunt Capacitor C is dependent
on the input frequency and source impedance and may need to
be reduced or removed. Table 13 displays recommended values to
set the RC network. However, these values are dependent on the
input signal and should be used only as a starting guide.
Table 13. Example RC Network
Frequency Range (MHz)
R Series
(Ω Each)
C Differential (pF)
0 to 70
33
15
70 to 200
33
5
200 to 300
15
5
>300
15
Open
Single-Ended Input Configuration
A single-ended input can provide adequate performance in cost
sensitive applications. In this configuration, SFDR and distortion
performance degrade due to the large input common-mode swing.
If the source impedances on each input are matched, there should
be little effect on SNR performance. Figure 48 shows a typical
single-ended input configuration.
1V p-p
R
R
C
49.9
Ω
0.1µF
10µF
10µF
0.1µF
AVDD
1k
Ω
1k
Ω
1k
Ω
1k
Ω
AD9627
AVDD
VIN+
VIN–
Figure 48. Single-Ended Input Configuration
AD9627
R
0.1µF
0.1µF
2V p-p
VIN+
VIN–
CML
C
R
0.1µF
S
0.1µF
25
Ω
25
Ω
S
PA
P
Figure 49. Differential Double Balun Input Configuration
AD9627
AD8352
0
Ω
R
0
Ω
CD
RD
RG
0.1µF
0.1µF
0.1µF
VIN+
VIN–
CML
C
0.1µF
16
1
2
3
4
5
11
R
0.1µF
0.1µF
10
14
0.1µF
8, 13
VCC
200
Ω
200
Ω
ANALOG INPUT
ANALOG INPUT
Figure 50. Differential Input Configuration Using the AD8352



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com