Electronic Components Datasheet Search
  English  ▼

X  

AD9627 Datasheet(PDF) 20 Page - Analog Devices

Part # AD9627
Description  1.8 V Dual Analog-to-Digital Converter
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9627 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD9627 Datasheet HTML 16Page - Analog Devices AD9627 Datasheet HTML 17Page - Analog Devices AD9627 Datasheet HTML 18Page - Analog Devices AD9627 Datasheet HTML 19Page - Analog Devices AD9627 Datasheet HTML 20Page - Analog Devices AD9627 Datasheet HTML 21Page - Analog Devices AD9627 Datasheet HTML 22Page - Analog Devices AD9627 Datasheet HTML 23Page - Analog Devices AD9627 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 77 page
background image
AD9627
Rev. B | Page 19 of 76
Pin No.
Mnemonic
Type
Description
Digital Outputs
5
D0+ (LSB)
Output
Channel A/Channel B LVDS Output Data 0—True.
4
D0− (LSB)
Output
Channel A/Channel B LVDS Output Data 0—Complement.
7
D1+
Output
Channel A/Channel B LVDS Output Data 1—True.
6
D1−
Output
Channel A/Channel B LVDS Output Data 1—Complement.
9
D2+
Output
Channel A/Channel B LVDS Output Data 2—True.
8
D2−
Output
Channel A/Channel B LVDS Output Data 2—Complement.
13
D3+
Output
Channel A/Channel B LVDS Output Data 3—True.
12
D3−
Output
Channel A/Channel B LVDS Output Data 3—Complement.
15
D4+
Output
Channel A/Channel B LVDS Output Data 4 —True.
14
D4−
Output
Channel A/Channel B LVDS Output Data 4—Complement.
17
D5+
Output
Channel A/Channel B LVDS Output Data 5—True.
16
D5−
Output
Channel A/Channel B LVDS Output Data 5—Complement.
19
D6+
Output
Channel A/Channel B LVDS Output Data 6—True.
18
D6−
Output
Channel A/Channel B LVDS Output Data 6—Complement.
23
D7+
Output
Channel A/Channel B LVDS Output Data 7—True.
22
D7−
Output
Channel A/Channel B LVDS Output Data 7—Complement.
26
D8+
Output
Channel A/Channel B LVDS Output Data 8—True.
25
D8−
Output
Channel A/Channel B LVDS Output Data 8—Complement.
28
D9+
Output
Channel A/Channel B LVDS Output Data 9—True.
27
D9−
Output
Channel A/Channel B LVDS Output Data 9—Complement.
30
D10+
Output
Channel A/Channel B LVDS Output Data 10—True.
29
D10−
Output
Channel A/Channel B LVDS Output Data 10—Complement.
32
D11+ (MSB)
Output
Channel A/Channel B LVDS Output Data 11—True.
31
D11− (MSB)
Output
Channel A/Channel B LVDS Output Data 11—Complement.
11
DCO+
Output
Channel A/Channel B LVDS Data Clock Output—True.
10
DCO−
Output
Channel A/Channel B LVDS Data Clock Output—Complement.
SPI Control
48
SCLK/DFS
Input
SPI Serial Clock/Data Format Select Pin in External Pin Mode.
47
SDIO/DCS
Input/Output
SPI Serial Data I/O/Duty Cycle Stabilizer Pin in External Pin Mode.
51
CSB
Input
SPI Chip Select (Active Low).
Signal Monitor Port
33
SMI SDO/OEB
Input/Output
Signal Monitor Serial Data Output/Output Enable Input (Active Low) in External Pin Mode.
35
SMI SDFS
Output
Signal Monitor Serial Data Frame Sync.
34
SMI SCLK/PDWN
Input/Output
Signal Monitor Serial Clock Output/Power-Down Input in External Pin Mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com