Electronic Components Datasheet Search
  English  ▼

X  

AD9627 Datasheet(PDF) 49 Page - Analog Devices

Part # AD9627
Description  1.8 V Dual Analog-to-Digital Converter
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9627 Datasheet(HTML) 49 Page - Analog Devices

Back Button AD9627 Datasheet HTML 45Page - Analog Devices AD9627 Datasheet HTML 46Page - Analog Devices AD9627 Datasheet HTML 47Page - Analog Devices AD9627 Datasheet HTML 48Page - Analog Devices AD9627 Datasheet HTML 49Page - Analog Devices AD9627 Datasheet HTML 50Page - Analog Devices AD9627 Datasheet HTML 51Page - Analog Devices AD9627 Datasheet HTML 52Page - Analog Devices AD9627 Datasheet HTML 53Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 77 page
background image
AD9627
Rev. B | Page 48 of 76
Increase Gain Dwell Time (Register 0x10A and
Register 0x10B)
Register 0x10A, Bits[7:0]—Increase Gain Dwell Time
[7:0]
Register 0x10B, Bits[7:0]—Increase Gain Dwell Time[15:8]
These registers are programmed with the dwell time in ADC
clock cycles for which the signal must be below the fine lower
threshold value before the increase gain output is asserted.
Signal Monitor DC Correction Control (Register 0x10C)
Bit 7—Reserved
Bit 6—DC Correction Freeze
When Bit 6 is set high, the dc correction is no longer updated
to the signal monitor block. It holds the last dc value it calculated.
Bits[5:2]—DC Correction Bandwidth
These bits set the averaging time of the power monitor dc
correction function. This 4-bit word sets the bandwidth of the
correction block according to the following equation:
2
2
_
_
14
CLK
k
f
BW
Corr
DC
where:
k is the 4 bit value programmed in Register 0x10C, Bits[5:2]
(values between 0 and 13 are valid for k; programming 14 or
15 provides the same result as programming 13).
fCLK is the AD9627 ADC sample rate in hertz (Hz).
Bit 1—DC Correction for Signal Path Enable
Setting Bit 1 high causes the output of the dc measurement
block to be summed with the data in the signal path to remove
the dc offset from the signal path.
Bit 0—DC Correction for Signal Monitor Enable
Bit 0 enables the dc correction function in the signal monitor block.
The dc correction is an averaging function that can be used by
the signal monitor to remove dc offset in the signal. Removing
this dc offset from the measurement allows a more accurate
reading.
Signal Monitor DC Value Channel A (Register 0x10D and
Register 0x10E)
Register 0x10D, Bits[7:0]—DC Value Channel A[7:0]
Register 0x10E, Bits[7:6]—Reserved
Register 0x10E, Bits[5:0]—DC Value Channel A[13:8]
These read-only registers hold the latest dc offset value computed
by the signal monitor for Channel A.
Signal Monitor DC Value Channel B (Register 0x10F and
Register 0x110)
Register 0x10F, Bits[7:0]—DC Value Channel B[7:0]
Register 0x110, Bits[7:6]—Reserved
Register 0x110, Bits[5:0]—DC Value Channel B[13:8]
These read-only registers hold the latest dc offset value computed
by the signal monitor for Channel B.
Signal Monitor SPORT Control (Register 0x111)
Bit 7—Reserved
Bit 6—RMS/MS Magnitude Output Enable
These bits enable the 20-bit rms or ms magnitude measurement
as output on the SPORT.
Bit 5—Peak Detector Output Enable
Bit 5 enables the 13-bit peak measurement as output on the
SPORT.
Bit 4—Threshold Crossing Output Enable
Bit 4 enables the 13-bit threshold measurement as output on
the SPORT.
Bits[3:2]—SPORT SMI SCLK Divide
The values of these bits set the SPORT SMI SCLK divide ratio
from the input clock. A value of 0x01 sets divide by 2 (default),
a value of 0x10 sets divide by 4, and a value of 0x11 sets divide by 8.
Bit 1— SPORT SMI SCLK Sleep
Setting Bit 1 high causes the SMI SCLK to remain low when the
signal monitor block has no data to transfer.
Bit 0—Signal Monitor SPORT Output Enable
When set, Bit 0 enables the SPORT output of the signal monitor
to begin shifting out the result data from the signal monitor block.
Signal Monitor Control (Register 0x112)
Bit 7—Complex Power Calculation Mode Enable
This mode assumes I data is present on one channel and Q data
is present on the alternate channel. The result reported is the
complex power, measured as
2
2
Q
I 
Bits[6:4]—Reserved
Bit 3—Signal Monitor RMS/MS Select
Setting Bit 3 low selects rms power measurement mode. Setting
Bit 3 high selects ms power measurement mode.
Bits[2:1]—Signal Monitor Mode
Bit 2 and Bit 1 set the mode of the signal monitor for data output
to Register 0x116 through Register 0x11B. Setting Bit 2 and Bit 1
to 0x00 selects rms/ms magnitude output; setting these bits to
0x01 selects peak detector output; and setting these bits to 0x10
or 0x11 selects threshold crossing output.
Bit 0—Signal Monitor Enable
Setting Bit 0 high enables the signal monitor block.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com