Electronic Components Datasheet Search
  English  ▼

X  

AD9627 Datasheet(PDF) 24 Page - Analog Devices

Part # AD9627
Description  1.8 V Dual Analog-to-Digital Converter
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9627 Datasheet(HTML) 24 Page - Analog Devices

Back Button AD9627 Datasheet HTML 20Page - Analog Devices AD9627 Datasheet HTML 21Page - Analog Devices AD9627 Datasheet HTML 22Page - Analog Devices AD9627 Datasheet HTML 23Page - Analog Devices AD9627 Datasheet HTML 24Page - Analog Devices AD9627 Datasheet HTML 25Page - Analog Devices AD9627 Datasheet HTML 26Page - Analog Devices AD9627 Datasheet HTML 27Page - Analog Devices AD9627 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 77 page
background image
AD9627
Rev. B | Page 23 of 76
120
100
80
60
40
20
0
–90
0
–10
–20
–30
–40
–50
–60
–70
–80
INPUT AMPLITUDE (dBFS)
SFDR (dBFS)
SNR (dBc)
SNR (dBFS)
SFDR (dBc)
85dB REFERENCE LINE
Figure 28. AD9627-150 Single-Tone SNR/SFDR vs. Input Amplitude (AIN)
with fIN = 2.4 MHz
100
80
60
40
20
0
–90
0
–10
–20
–30
–40
–50
–60
–70
–80
INPUT AMPLITUDE (dBFS)
SFDR (dBFS)
SNR (dBc)
SNR (dBFS)
SFDR (dBc)
85dB REFERENCE LINE
Figure 29. AD9627-150 Single-Tone SNR/SFDR vs. Input Amplitude (AIN) with
fIN = 98.12 MHz
95
90
85
80
75
70
65
60
55
0450
400
350
300
250
200
150
100
50
INPUT FREQUENCY (MHz)
SFDR = +25°C
SFDR = +85°C
SFDR = –40°C
SNR = +25°C
SNR = +85°C
SNR = –40°C
Figure 30. AD9627-150 Single-Tone SNR/SFDR vs.
Input Frequency (fIN) and Temperature with 2 V p-p Full Scale
95
90
85
80
75
70
65
60
55
0450
400
350
300
250
200
150
100
50
INPUT FREQUENCY (MHz)
SFDR = +25°C
SFDR = +85°C
SFDR = –40°C
SNR = +25°C
SNR = +85°C
SNR = –40°C
Figure 31. AD9627-150 Single-Tone SNR/SFDR vs.
Input Frequency (fIN) and Temperature with 1 V p-p Full Scale
–2.5
–5.0
–4.5
–4.0
–3.5
–3.0
0.5
0
0.1
0.2
0.3
0.4
–40
80
60
40
GAIN
OFFSET
20
0
–20
TEMPERATURE (°C)
Figure 32. AD9627-150 Gain and Offset vs. Temperature
0
–20
–40
–60
–80
–100
–120
–90
–78
–66
–54
–42
–30
–18
–6
INPUT AMPLITUDE (dBFS)
SFDR (dBc)
IMD3 (dBc)
SFDR (dBFS)
IMD3 (dBFS)
Figure 33. AD9627-150 Two-Tone SFDR/IMD3 vs. Input Amplitude (AIN)
with fIN1 = 29.1 MHz, fIN2 = 32.1 MHz, fS = 150 MSPS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com