Electronic Components Datasheet Search
  English  ▼

X  

AD9627 Datasheet(PDF) 14 Page - Analog Devices

Part # AD9627
Description  1.8 V Dual Analog-to-Digital Converter
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9627 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD9627 Datasheet HTML 10Page - Analog Devices AD9627 Datasheet HTML 11Page - Analog Devices AD9627 Datasheet HTML 12Page - Analog Devices AD9627 Datasheet HTML 13Page - Analog Devices AD9627 Datasheet HTML 14Page - Analog Devices AD9627 Datasheet HTML 15Page - Analog Devices AD9627 Datasheet HTML 16Page - Analog Devices AD9627 Datasheet HTML 17Page - Analog Devices AD9627 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 77 page
background image
AD9627
Rev. B | Page 13 of 76
TIMING SPECIFICATIONS
Table 8.
Parameter
Conditions
Min
Typ
Max
Unit
SYNC TIMING REQUIREMENTS
tSSYNC
SYNC to rising edge of CLK setup time
0.24
ns
tHSYNC
SYNC to rising edge of CLK hold time
0.40
ns
SPI TIMING REQUIREMENTS
tDS
Setup time between the data and the rising edge of SCLK
2
ns
tDH
Hold time between the data and the rising edge of SCLK
2
ns
tCLK
Period of the SCLK
40
ns
tS
Setup time between CSB and SCLK
2
ns
tH
Hold time between CSB and SCLK
2
ns
tHIGH
SCLK pulse width high
10
ns
tLOW
SCLK pulse width low
10
ns
tEN_SDIO
Time required for the SDIO pin to switch from an input to an
output relative to the SCLK falling edge
10
ns
tDIS_SDIO
Time required for the SDIO pin to switch from an output to an
input relative to the SCLK rising edge
10
ns
SPORT TIMING REQUIREMENTS
tCSSCLK
Delay from rising edge of CLK+ to rising edge of SMI SCLK
3.2
4.5
6.2
ns
tSSCLKSDO
Delay from rising edge of SMI SCLK to SMI SDO
−0.4
0
0.4
ns
tSSCLKSDFS
Delay from rising edge of SMI SCLK to SMI SDFS
−0.4
0
0.4
ns
Timing Diagrams
CLK+
DCOA/DCOB
CH A/CH B DATA
N
N+ 1
N+ 2
N+ 3
N+ 4
N+ 5
N+ 6
N+ 7
N+ 8
N – 12
N – 11
N – 9
N – 8
N – 7
N – 6
N – 5
N – 4
N – 13
CLK–
tCLK
tPD
tS
tH
tDCO
tCLK
tA
CH A/CH B FAST
DETECT
N – 1
N + 2
N + 3
N + 4
N + 5
N + 6
N – 3
N – 2
N – 10
N + 1
N
Figure 2. CMOS Output Mode Data and Fast Detect Output Timing (Fast Detect Mode Select Bits = 000)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com