Electronic Components Datasheet Search
  English  ▼

X  

AD9627 Datasheet(PDF) 23 Page - Analog Devices

Part # AD9627
Description  1.8 V Dual Analog-to-Digital Converter
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9627 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD9627 Datasheet HTML 19Page - Analog Devices AD9627 Datasheet HTML 20Page - Analog Devices AD9627 Datasheet HTML 21Page - Analog Devices AD9627 Datasheet HTML 22Page - Analog Devices AD9627 Datasheet HTML 23Page - Analog Devices AD9627 Datasheet HTML 24Page - Analog Devices AD9627 Datasheet HTML 25Page - Analog Devices AD9627 Datasheet HTML 26Page - Analog Devices AD9627 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 77 page
background image
AD9627
Rev. B | Page 22 of 76
0
–20
–40
–60
–80
–100
–120
070
60
50
40
30
20
10
FREQUENCY (MHz)
150MSPS
440MHz @ –1dBFS
SNR = 65.7dBc (66.7dBFS)
ENOB = 10.4 BITS
SFDR = 70.0dBc
SECOND
HARMONIC
THIRD
HARMONIC
Figure 22. AD9627-150 Single-Tone FFT with fIN = 440 MHz
0
–20
–40
–60
–80
–100
–120
060
50
40
30
20
10
FREQUENCY (MHz)
125MSPS
2.3MHz @ –1dBFS
SNR = 69.5dBc (70.5dBFS)
ENOB = 11.4 BITS
SFDR = 86.5dBc
SECOND
HARMONIC
THIRD
HARMONIC
Figure 23. AD9627-125 Single-Tone FFT with fIN = 2.3 MHz
0
–20
–40
–60
–80
–100
–120
060
50
40
30
20
10
FREQUENCY (MHz)
125MSPS
30.3MHz @ –1dBFS
SNR = 69.4dBc (70.4dBFS)
ENOB = 11.4 BITS
SFDR = 85dBc
SECOND
HARMONIC
THIRD
HARMONIC
Figure 24. AD9627-125 Single-Tone FFT with fIN = 30.3 MHz
0
–20
–40
–60
–80
–100
–120
060
50
40
30
20
10
FREQUENCY (MHz)
125MSPS
70MHz @ –1dBFS
SNR = 69.4dBc (70.4dBFS)
ENOB = 11.4 BITS
SFDR = 85dBc
SECOND
HARMONIC
THIRD
HARMONIC
Figure 25. AD9627-125 Single-Tone FFT with fIN = 70 MHz
0
–20
–40
–60
–80
–100
–120
060
50
40
30
20
10
FREQUENCY (MHz)
125MSPS
140MHz @ –1dBFS
SNR = 69.1dBc (70.1dBFS)
ENOB = 11.3 BITS
SFDR = 84dBc
SECOND
HARMONIC
THIRD
HARMONIC
Figure 26. AD9627-125 Single-Tone FFT with fIN = 140 MHz
0
–20
–40
–60
–80
–100
–120
060
50
40
30
20
10
FREQUENCY (MHz)
125MSPS
337MHz @ –1dBFS
SNR = 67.6dBc (68.6dBFS)
ENOB = 11.1 BITS
SFDR = 74dBc
SECOND
HARMONIC
THIRD
HARMONIC
Figure 27. AD9627-125 Single-Tone FFT with fIN = 337 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com