Electronic Components Datasheet Search
  English  ▼

X  

AD9627 Datasheet(PDF) 1 Page - Analog Devices

Part # AD9627
Description  1.8 V Dual Analog-to-Digital Converter
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9627 Datasheet(HTML) 1 Page - Analog Devices

  AD9627 Datasheet HTML 1Page - Analog Devices AD9627 Datasheet HTML 2Page - Analog Devices AD9627 Datasheet HTML 3Page - Analog Devices AD9627 Datasheet HTML 4Page - Analog Devices AD9627 Datasheet HTML 5Page - Analog Devices AD9627 Datasheet HTML 6Page - Analog Devices AD9627 Datasheet HTML 7Page - Analog Devices AD9627 Datasheet HTML 8Page - Analog Devices AD9627 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 77 page
background image
12-Bit, 80 MSPS/105 MSPS/125 MSPS/150 MSPS,
1.8 V Dual Analog-to-Digital Converter
AD9627
Rev. B
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2007–2010 Analog Devices, Inc. All rights reserved.
FEATURES
SNR = 69.4 dBc (70.4 dBFS) to 70 MHz @ 125 MSPS
SFDR = 85 dBc to 70 MHz @ 125 MSPS
Low power: 750 mW @ 125 MSPS
SNR = 69.2 dBc (70.2 dBFS) to 70 MHz @ 150 MSPS
SFDR = 84 dBc to 70 MHz @ 150 MSPS
Low power: 820 mW @ 150 MSPS
1.8 V analog supply operation
1.8 V to 3.3 V CMOS output supply or 1.8 V LVDS
output supply
Integer 1-to-8 input clock divider
IF sampling frequencies to 450 MHz
Internal ADC voltage reference
Integrated ADC sample-and-hold inputs
Flexible analog input range: 1 V p-p to 2 V p-p
Differential analog inputs with 650 MHz bandwidth
ADC clock duty cycle stabilizer
95 dB channel isolation/crosstalk
Serial port control
User-configurable, built-in self-test (BIST) capability
Energy-saving power-down modes
Integrated receive features
Fast detect/threshold bits
Composite signal monitor
APPLICATIONS
Communications
Diversity radio systems
Multimode digital receivers (3G)
GSM, EDGE, WCDMA,
CDMA2000, WiMAX, TD-SCDMA
I/Q demodulation systems
Smart antenna systems
General-purpose software radios
Broadband data applications
FUNCTIONAL BLOCK DIAGRAM
VIN+A
VIN–A
VREF
SENSE
VIN–B
VIN+B
D11A
D0A
CLK+
CLK–
DCOA
DCOB
D11B
D0B
AGND
SYNC
FD(0:3)B
ADC
ADC
SIGNAL MONITOR
DATA
AVDD DVDD
FD(0:3)A
DRGND
PROGRAMMING DATA
DRVDD
FD BITS/THRESHOLD
DETECT
REF
SELECT
DUTY CYCLE
STABILIZER
MULTICHIP
SYNC
FD BITS/THRESHOLD
DETECT
SIGNAL MONITOR
INTERFACE
DCO
GENERATION
DIVIDE
1 TO 8
SIGNAL
MONITOR
SPI
SHA
SHA
CSB
SCLK/
DFS
SDIO/
DCS
CML
RBIAS
SMI
SDO/
OEB
SMI
SCLK/
PDWN
SMI
SDFS
AD9627
NOTES
1. PIN NAMES ARE FOR THE CMOS PIN CONFIGURATION ONLY;
SEE FIGURE 7 FOR LVDS PIN NAMES.
Figure 1.
PRODUCT HIGHLIGHTS
1.
Integrated dual, 12-bit, 80 MSPS/105 MSPS/125 MSPS/
150 MSPS ADC.
2.
Fast overrange detect and signal monitor with serial output.
3.
Signal monitor block with dedicated serial output mode.
4.
Proprietary differential input that maintains excellent SNR
performance for input frequencies up to 450 MHz.
5.
Operation from a single 1.8 V supply and a separate digital
output driver supply to accommodate 1.8 V to 3.3 V logic
families.
6.
Standard serial port interface (SPI) that supports various
product features and functions, such as data formatting
(offset binary, twos complement, or gray coding), enabling
the clock DCS, power-down, test modes, and voltage
reference mode.
7.
Pin compatibility with the AD9640, AD9627-11, and AD9600
for a simple migration from 12 bits to 14 bits, 11 bits, or
10 bits.


Similar Part No. - AD9627

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9627 AD-AD9627 Datasheet
765Kb / 40P
12-Bit, 80/105/125/150 MSPS, 1.8 V Dual Analog-to-Digital Converter
Rev. PrA
AD9627 AD-AD9627 Datasheet
2Mb / 76P
12-Bit, 80 MSPS/105 MSPS/125 MSPS/150 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. B
AD9627-11 AD-AD9627-11_15 Datasheet
4Mb / 72P
11-Bit, 105 MSPS/150 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. B
AD9627ABCPZ-125 AD-AD9627ABCPZ-125 Datasheet
2Mb / 76P
12-Bit, 80 MSPS/105 MSPS/125 MSPS/150 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. B
AD9627BCPZ-105 AD-AD9627BCPZ-105 Datasheet
765Kb / 40P
12-Bit, 80/105/125/150 MSPS, 1.8 V Dual Analog-to-Digital Converter
Rev. PrA
More results

Similar Description - AD9627

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9266 AD-AD9266_17 Datasheet
1Mb / 33P
1.8 V Analog-to-Digital Converter
Rev. B
AD9608 AD-AD9608_17 Datasheet
1Mb / 41P
1.8 V Dual Analog-to-Digital Converter (ADC)
Rev. C
AD9628 AD-AD9628_17 Datasheet
1Mb / 43P
1.8 V Dual Analog-to-Digital Converter
Rev. C
AD9634 AD-AD9634_17 Datasheet
1Mb / 31P
1.8 V Analog-to-Digital Converter
10-May-2017
AD9204 AD-AD9204_17 Datasheet
1Mb / 37P
1.8 V Dual Analog-to-Digital Converter
Rev. A
AD9211 AD-AD9211_17 Datasheet
1Mb / 29P
1.8 V Analog-to-Digital Converter
Rev. 0
AD9251 AD-AD9251_17 Datasheet
1Mb / 37P
1.8 V Dual Analog-to-Digital Converter
Rev. B
AD9268 AD-AD9268_17 Datasheet
2Mb / 45P
1.8 V Dual Analog-to-Digital Converter (ADC)
Rev. A
AD9600 AD-AD9600 Datasheet
2Mb / 73P
1.8 V Dual Analog-to-Digital Converter
Rev. B
AD9601 AD-AD9601_17 Datasheet
972Kb / 33P
1.8 V Analog-to-Digital Converter
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com