Electronic Components Datasheet Search
  English  ▼

X  

AD9627 Datasheet(PDF) 74 Page - Analog Devices

Part # AD9627
Description  1.8 V Dual Analog-to-Digital Converter
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9627 Datasheet(HTML) 74 Page - Analog Devices

Back Button AD9627 Datasheet HTML 69Page - Analog Devices AD9627 Datasheet HTML 70Page - Analog Devices AD9627 Datasheet HTML 71Page - Analog Devices AD9627 Datasheet HTML 72Page - Analog Devices AD9627 Datasheet HTML 73Page - Analog Devices AD9627 Datasheet HTML 74Page - Analog Devices AD9627 Datasheet HTML 75Page - Analog Devices AD9627 Datasheet HTML 76Page - Analog Devices AD9627 Datasheet HTML 77Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 74 / 77 page
background image
AD9627
Rev. B | Page 73 of 76
Item
Qty
Reference
Designator
Description
Package
Manufacturer
Mfg. Part Number
26
1
R16
261 Ω, 0603, 1/10 W,
1% resistor
R0603
NIC Components
NRC06F2610TRF
27
3
R17, R22, R23
100 kΩ, 0603, 1/10 W,
1% resistor
R0603
NIC Components
NRC06F1003TRF
28
7
R18, R24, R63, R65,
R82, R118, R140
10 kΩ, 0402, 1/16 W, 1%
resistor
R0402SM
NIC Components
NRC04F1002TRF
29
3
R19, R20, R21
1 kΩ, 0603, 1/10 W, 1%
resistor
R0603
NIC Components
NRC06F1001TRF
30
9
R26, R27, R43,
R46, R47, R70,
R71, R73, R74
33 Ω, 0402, 1/16 W, 5%
resistor
R0402SM
NIC Components
NRC04J330TRF
31
5
R57, R59 to R62
22 Ω, 16-pin, 8-resistor,
resistor array
R_742
CTS Corporation
742C163220JPTR
32
1
R58
22 Ω, 8-pin, 4-resistor,
resistor array
RES_ARRY
CTS Corporation
742C083220JPTR
33
1
R76
200 Ω, 0402, 1/16 W,
1% resistor
R0402SM
NIC Components
NCR04F2000TRF
34
4
S2, S3, S5 ,S12
SMA, inline, male,
coaxial connector
SMA_EDGE
Emerson Network
Power
142-0701-201
35
1
SJ35
0 Ω, 1/8 W, 1% resistor
SLDR_PAD2MUYLAR
NIC Components
NRC10ZOTRF
36
5
T1 to T5
Balun
TRAN6B
M/A-COM
MABA-007159-000000
37
1
U1
IC, AD9627
LFCSP64-9X9-9E
Analog Devices
AD9627BCPZ
38
1
U2
Clock distribution, PLL IC
LFCSP64-9X9
Analog Devices
AD9516-4BCPZ
39
1
U3
Dual inverter IC
SC70_6
Fairchild Semiconductor
NC7WZ04P6X_NL
40
1
U7
Dual buffer IC,
open-drain circuits
SC70_6
Fairchild Semiconductor
NC7WZ07P6X_NL
41
1
U8
UHS dual buffer IC
SC70_6
Fairchild Semiconductor
NC7WZ16P6X_NL
42
3
U15 to U17
16-bit CMOS buffer IC
TSOP48_8_1MM
Fairchild Semiconductor
74VCX16244MTDX_NL
43
2
VR1, VR2
Adjustable regulator
LFCSP8-3X3
Analog Devices
ADP3334ACPZ
44
1
VR3
1.8 V high accuracy regulator
SOT223-HS
Analog Devices
ADP3339AKCZ-1.8
45
1
VR4
5.0 V high accuracy regulator
SOT223-HS
Analog Devices
ADP3339AKCZ-5.0
46
2
VR5, VR6
3.3 V high accuracy regulator
SOT223-HS
Analog Devices
ADP3339AKCZ-3.3
47
1
Y1
Oscillator clock, VFAC3
OSC-CTS-CB3
Valpey Fisher
VFAC3-BHL
48
2
Z1, Z2
High speed IC, op amp
LFCSP16-3X3-PAD
Analog Devices
AD8352ACPZ
1 This bill of materials is RoHS compliant.
2 The bill of materials lists only those items that are normally installed in the default condition. Items that are not installed are not included in the BOM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com