Electronic Components Datasheet Search
  English  ▼

X  

AD9627 Datasheet(PDF) 22 Page - Analog Devices

Part # AD9627
Description  1.8 V Dual Analog-to-Digital Converter
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9627 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD9627 Datasheet HTML 18Page - Analog Devices AD9627 Datasheet HTML 19Page - Analog Devices AD9627 Datasheet HTML 20Page - Analog Devices AD9627 Datasheet HTML 21Page - Analog Devices AD9627 Datasheet HTML 22Page - Analog Devices AD9627 Datasheet HTML 23Page - Analog Devices AD9627 Datasheet HTML 24Page - Analog Devices AD9627 Datasheet HTML 25Page - Analog Devices AD9627 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 77 page
background image
AD9627
Rev. B | Page 21 of 76
TYPICAL PERFORMANCE CHARACTERISTICS
AVDD = 1.8 V, DVDD = 1.8 V, DRVDD = 3.3 V, sample rate = 150 MSPS, DCS enabled, 1.0 V internal reference, 2 V p-p differential input,
VIN = −1.0 dBFS, and 64k sample, TA = 25°C, unless otherwise noted.
0
–20
–40
–60
–80
–100
–120
070
60
50
40
30
20
10
FREQUENCY (MHz)
150MSPS
2.3MHz @ –1dBFS
SNR = 69.4dBc (70.4dBFS)
ENOB = 11.4 BITS
SFDR = 86.5dBc
SECOND
HARMONIC
THIRD
HARMONIC
Figure 16. AD9627-150 Single-Tone FFT with fIN = 2.3 MHz
0
–20
–40
–60
–80
–100
–120
070
60
50
40
30
20
10
FREQUENCY (MHz)
150MSPS
30.3MHz @ –1dBFS
SNR = 69.3dBc (70.3dBFS)
ENOB = 11.4 BITS
SFDR = 84.0dBc
SECOND
HARMONIC
THIRD
HARMONIC
Figure 17. AD9627-150 Single-Tone FFT with fIN = 30.3 MHz
0
–20
–40
–60
–80
–100
–120
070
60
50
40
30
20
10
FREQUENCY (MHz)
150MSPS
70MHz @ –1dBFS
SNR = 69.2dBc (70.2dBFS)
ENOB = 11.4 BITS
SFDR = 84.0dBc
SECOND
HARMONIC
THIRD
HARMONIC
Figure 18. AD9627-150 Single-Tone FFT with fIN = 70 MHz
0
–20
–40
–60
–80
–100
–120
070
60
50
40
30
20
10
FREQUENCY (MHz)
150MSPS
140MHz @ –1dBFS
SNR = 68.8dBc (69.8dBFS)
ENOB = 11.3 BITS
SFDR = 83.5dBc
SECOND
HARMONIC
THIRD
HARMONIC
Figure 19. AD9627-150 Single-Tone FFT with fIN = 140 MHz
0
–20
–40
–60
–80
–100
–120
070
60
50
40
30
20
10
FREQUENCY (MHz)
150MSPS
220MHz @ –1dBFS
SNR = 68.2dBc (69.2dBFS)
ENOB = 11.2 BITS
SFDR = 77.0dBc
SECOND
HARMONIC
THIRD
HARMONIC
Figure 20. AD9627-150 Single-Tone FFT with fIN = 220 MHz
0
–20
–40
–60
–80
–100
–120
070
60
50
40
30
20
10
FREQUENCY (MHz)
150MSPS
337MHz @ –1dBFS
SNR = 67.6dBc (68.6dBFS)
ENOB = 11.1 BITS
SFDR = 74.0dBc
SECOND
HARMONIC
THIRD
HARMONIC
Figure 21. AD9627-150 Single-Tone FFT with fIN = 337 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com