Electronic Components Datasheet Search
  English  ▼

X  

LAN9220 Datasheet(PDF) 37 Page - Microchip Technology

Part # LAN9220
Description  16-bit Non-PCI Small Form Factor 10/100 Ethernet Controller with Variable Voltage I/O & HP Auto-MDIX Support
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9220 Datasheet(HTML) 37 Page - Microchip Technology

Back Button LAN9220 Datasheet HTML 33Page - Microchip Technology LAN9220 Datasheet HTML 34Page - Microchip Technology LAN9220 Datasheet HTML 35Page - Microchip Technology LAN9220 Datasheet HTML 36Page - Microchip Technology LAN9220 Datasheet HTML 37Page - Microchip Technology LAN9220 Datasheet HTML 38Page - Microchip Technology LAN9220 Datasheet HTML 39Page - Microchip Technology LAN9220 Datasheet HTML 40Page - Microchip Technology LAN9220 Datasheet HTML 41Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 142 page
background image
 2006-2017 Microchip Technology Inc.
DS00002417A-page 37
LAN9220
3.10.2.3
Power Management Event Indicators
Figure 3-18 is a simplified block diagram of the logic that controls the external PME, and internal pme_interrupt signals.
The pme_interrupt signal is used to set the PME_INT status bit in the INT_STS register, which, if enabled, will generate
a host interrupt upon detection of a power management event. The PME_INT status bit in INT_STS will remain set until
the internal pme_interrupt signal is cleared by clearing the WUPS bits, or by clearing the corresponding WOL_EN or
ED_EN bit. After clearing the internal pme_interrupt signal, the PME_INT status bit may be cleared by writing a ‘1’ to
this bit in the INT_STS register. It should be noted that the LAN9220 can generate a host interrupt regardless of the
state of the PME_EN bit, or the external PME signal.
The external PME signal can be setup for pulsed, or static operation. When the PME_IND bit in the PMT_CTRL register
is set to a ‘1’, the external PME signal will be driven active for 50ms upon detection of a wake-up event. When the
PME_IND bit is cleared, the PME signal will be driven continuously upon detection of a wake-up event. The PME signal
is deactivated by clearing the WUPS bits, or by clearing the corresponding WOL_EN or ED_EN bit. The PME signal can
also be deactivated by clearing the PME_EN bit.
TABLE 3-10:
POWER MANAGEMENT STATES
Device Block
D0
(Normal Operation)
D1
(WOL)
D2
(Energy Detect)
PHY
Full ON
Full ON
Energy Detect Power-Down
MAC Power
Management
Full ON
RX Power Mgmt. Block
On
OFF
MAC and Host
Interface
Full ON
OFF
OFF
Internal Clock
Full ON
Full ON
OFF
KEY
CLOCK ON
BLOCK DISABLED – CLOCK ON
FULL OFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com