Electronic Components Datasheet Search
  English  ▼

X  

LAN9220 Datasheet(PDF) 96 Page - Microchip Technology

Part # LAN9220
Description  16-bit Non-PCI Small Form Factor 10/100 Ethernet Controller with Variable Voltage I/O & HP Auto-MDIX Support
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9220 Datasheet(HTML) 96 Page - Microchip Technology

Back Button LAN9220 Datasheet HTML 92Page - Microchip Technology LAN9220 Datasheet HTML 93Page - Microchip Technology LAN9220 Datasheet HTML 94Page - Microchip Technology LAN9220 Datasheet HTML 95Page - Microchip Technology LAN9220 Datasheet HTML 96Page - Microchip Technology LAN9220 Datasheet HTML 97Page - Microchip Technology LAN9220 Datasheet HTML 98Page - Microchip Technology LAN9220 Datasheet HTML 99Page - Microchip Technology LAN9220 Datasheet HTML 100Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 142 page
background image
LAN9220
DS00002417A-page 96
 2006-2017 Microchip Technology Inc.
5.4.2
ADDRH—MAC ADDRESS HIGH REGISTER
The MAC Address High register contains the upper 16-bits of the physical address of the MAC. The contents of this
register are optionally loaded from the EEPROM at power-on through the EEPROM Controller if a programmed
EEPROM is detected. The least significant byte of this register (bits [7:0]) is loaded from address 0x05 of the EEPROM.
The second byte (bits [15:8]) is loaded from address 0x06 of the EEPROM. Please refer to Section 4.6 for more infor-
mation on the EEPROM. Section 5.4.3 details the byte ordering of the ADDRL and ADDRH registers with respect to the
reception of the Ethernet physical address.
5.4.3
ADDRL—MAC ADDRESS LOW REGISTER
The MAC Address Low register contains the lower 32 bits of the physical address of the MAC. The contents of this reg-
ister are optionally loaded from the EEPROM at power-on through the EEPROM Controller if a programmed EEPROM
is detected. The least significant byte of this register (bits [7:0]) is loaded from address 0x01 of the EEPROM. The most
significant byte of this register is loaded from address 0x04 of the EEPROM. Please refer to Section 4.6 for more infor-
mation on the EEPROM.
Offset:
2
Attribute:
R/W
Default Value:
0000FFFFh
Size:
32 bits
Bits
Description
31-16
Reserved
15-0
Physical Address [47:32]. This field contains the upper 16-bits (47:32) of the Physical Address of
the LAN9220 device. The content of this field is undefined until loaded from the EEPROM at power-
on. The host can update the contents of this field after the initialization process has completed.
Offset:
3
Attribute:
R/W
Default Value:
FFFFFFFFh
Size:
32 bits
Bits
Description
31-0
Physical Address [31:0]. This field contains the lower 32 bits (31:0) of the Physical Address of the
LAN9220 device. The content of this field is undefined until loaded from the EEPROM at power-on.
The host can update the contents of this field after the initialization process has completed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com