Electronic Components Datasheet Search
  English  ▼

X  

LAN9220 Datasheet(PDF) 48 Page - Microchip Technology

Part # LAN9220
Description  16-bit Non-PCI Small Form Factor 10/100 Ethernet Controller with Variable Voltage I/O & HP Auto-MDIX Support
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9220 Datasheet(HTML) 48 Page - Microchip Technology

Back Button LAN9220 Datasheet HTML 44Page - Microchip Technology LAN9220 Datasheet HTML 45Page - Microchip Technology LAN9220 Datasheet HTML 46Page - Microchip Technology LAN9220 Datasheet HTML 47Page - Microchip Technology LAN9220 Datasheet HTML 48Page - Microchip Technology LAN9220 Datasheet HTML 49Page - Microchip Technology LAN9220 Datasheet HTML 50Page - Microchip Technology LAN9220 Datasheet HTML 51Page - Microchip Technology LAN9220 Datasheet HTML 52Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 142 page
background image
LAN9220
DS00002417A-page 48
 2006-2017 Microchip Technology Inc.
3.12.6.2
TX Example 2
In this example, a single 183-Byte Ethernet packet will be transmitted. This packet is in a single buffer as follows:
• 2-Byte “Data Start Offset”
• 183-Bytes of payload data
• 4-Byte “Buffer End Alignment”
Figure 3-22, "TX Example 2" illustrates the TX command structure for this example, and also shows how data is passed
to the TX data FIFO. Note that the packet resides in a single TX Buffer, therefore both the FS and LS bits are set in TX
command ‘A’.
FIGURE 3-22:
TX EXAMPLE 2
TX Command 'A'
0
31
TX Command 'B'
Data Written to the
Ethernet Controller
TX Command 'B'
183-Byte Payload Data
Data Start Offset = 6
First Segment = 1
Last Segment = 1
Buffer Size =183
Packet Length = 183
TX Command 'A'
TX Command 'B'
Data Passed to the
TX Data FIFO
Buffer End Alignment = 0
3B End Padding
TX Command 'A'
6-Byte Data Start Offset
183-Byte Payload Data
NOTE: Extra bytes between buffers
are not transmitted



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com