Electronic Components Datasheet Search
  English  ▼

X  

LAN9220 Datasheet(PDF) 5 Page - Microchip Technology

Part # LAN9220
Description  16-bit Non-PCI Small Form Factor 10/100 Ethernet Controller with Variable Voltage I/O & HP Auto-MDIX Support
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9220 Datasheet(HTML) 5 Page - Microchip Technology

  LAN9220 Datasheet HTML 1Page - Microchip Technology LAN9220 Datasheet HTML 2Page - Microchip Technology LAN9220 Datasheet HTML 3Page - Microchip Technology LAN9220 Datasheet HTML 4Page - Microchip Technology LAN9220 Datasheet HTML 5Page - Microchip Technology LAN9220 Datasheet HTML 6Page - Microchip Technology LAN9220 Datasheet HTML 7Page - Microchip Technology LAN9220 Datasheet HTML 8Page - Microchip Technology LAN9220 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 142 page
background image
 2006-2017 Microchip Technology Inc.
DS00002417A-page 5
LAN9220
1.1
Block Diagram
The Microchip LAN9220 integrated 10/100 MAC/PHY controller is a peripheral chip that performs the function of trans-
lating parallel data from a host controller into Ethernet packets. The LAN9220 Ethernet MAC/PHY controller is designed
and optimized to function in an embedded environment. All communication is performed with programmed I/O transac-
tions using the simple SRAM-like host interface bus.
The diagram shown above, describes a typical system configuration of the LAN9220 in a typical embedded environ-
ment.
The LAN9220 is a general purpose, platform independent, Ethernet controller. The LAN9220 consists of four major func-
tional blocks. The four blocks are:
• 10/100 Ethernet PHY
• 10/100 Ethernet MAC
• RX/TX FIFOs
• Host Bus Interface (HBI)
FIGURE 1-1:
SYSTEM BLOCK DIAGRAM
Microprocessor/
Microcontroller
LAN9220
Magnetics
Ethernet
System
Peripherals
System Memory
EEPROM
(Optional)
LEDS/
GPIO
25MHz
XTAL
System Bus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com