Electronic Components Datasheet Search
  English  ▼

X  

LAN9220 Datasheet(PDF) 9 Page - Microchip Technology

Part # LAN9220
Description  16-bit Non-PCI Small Form Factor 10/100 Ethernet Controller with Variable Voltage I/O & HP Auto-MDIX Support
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9220 Datasheet(HTML) 9 Page - Microchip Technology

Back Button LAN9220 Datasheet HTML 5Page - Microchip Technology LAN9220 Datasheet HTML 6Page - Microchip Technology LAN9220 Datasheet HTML 7Page - Microchip Technology LAN9220 Datasheet HTML 8Page - Microchip Technology LAN9220 Datasheet HTML 9Page - Microchip Technology LAN9220 Datasheet HTML 10Page - Microchip Technology LAN9220 Datasheet HTML 11Page - Microchip Technology LAN9220 Datasheet HTML 12Page - Microchip Technology LAN9220 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 142 page
background image
 2006-2017 Microchip Technology Inc.
DS00002417A-page 9
LAN9220
2.1
Pin List
TABLE 2-1:
HOST BUS INTERFACE SIGNALS
Name
Symbol
Buffer
Type
#
Pins
Description
Host Data
D[15:0]
VIS/VO8
16
Bi-directional data port.
Host Address
A[7:1]
VIS
7
7-bit Address Port. Used to select Internal CSR’s and
TX and RX FIFOs.
Read Strobe
nRD
VIS
1
Active low strobe to indicate a read cycle.
Write Strobe
nWR
VIS
1
Active low strobe to indicate a write cycle. This signal,
qualified with nCS, is also used to wakeup the
LAN9220 when it is in a reduced power state.
Chip Select
nCS
VIS
1
Active low signal used to qualify read and write
operations. This signal qualified with nWR is also used
to wakeup the LAN9220 when it is in a reduced power
state.
Interrupt
Request
IRQ
VO8/
VOD8
1
Programmable Interrupt request. Programmable
polarity, source and buffer types.
FIFO Select
FIFO_SEL
VIS
1
When driven high all accesses to the LAN9220 are to
the RX or TX Data FIFOs. In this mode, the A[7:3]
upper address inputs are ignored.
TABLE 2-2:
LAN INTERFACE SIGNALS
Name
Symbol
Buffer
Type
# Pins
Description
TPO+
TPO+
AO
1
Transmit Positive Output (normal)
Receive Positive Input (reversed)
TPO-
TPO-
AO
1
Transmit Negative Output (normal)
Receive Negative Input (reversed)
TPI+
TPI+
AI
1
Receive Positive Input (normal)
Transmit Positive Input (reversed)
TPI-
TPI-
AI
1
Receive Negative Input (normal)
Transmit Negative Output (reversed)
PHY External Bias
Resistor
EXRES
AI
1
Must be connected to ground through a 12.4K
ohm 1% resistor.
Note:
The pin names for the twisted pair pins shown above apply to a normal connection. If HP Auto-MDIX is
enabled and a reverse connection is detected, or a reverse connection is manually selected, the input pins
become outputs, and vice-versa, as indicated in the descriptions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com