Electronic Components Datasheet Search
  English  ▼

X  

LAN9220 Datasheet(PDF) 6 Page - Microchip Technology

Part # LAN9220
Description  16-bit Non-PCI Small Form Factor 10/100 Ethernet Controller with Variable Voltage I/O & HP Auto-MDIX Support
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9220 Datasheet(HTML) 6 Page - Microchip Technology

Back Button LAN9220 Datasheet HTML 2Page - Microchip Technology LAN9220 Datasheet HTML 3Page - Microchip Technology LAN9220 Datasheet HTML 4Page - Microchip Technology LAN9220 Datasheet HTML 5Page - Microchip Technology LAN9220 Datasheet HTML 6Page - Microchip Technology LAN9220 Datasheet HTML 7Page - Microchip Technology LAN9220 Datasheet HTML 8Page - Microchip Technology LAN9220 Datasheet HTML 9Page - Microchip Technology LAN9220 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 142 page
background image
LAN9220
DS00002417A-page 6
 2006-2017 Microchip Technology Inc.
1.2
Internal Block Overview
This section provides an overview of each of these functional blocks as shown in Figure 1-2, "Internal Block Diagram".
FIGURE 1-2:
INTERNAL BLOCK DIAGRAM
1.3
10/100 Ethernet PHY
The LAN9220 integrates an IEEE 802.3 physical layer for twisted pair Ethernet applications. The PHY can be configured
for either 100 Mbps (100BASE-TX) or 10 Mbps (10BASE-T) Ethernet operation in either full or half duplex configura-
tions. The PHY block supports HP Auto-MDIX and auto-negotiation.
Minimal external components are required for the utilization of the Integrated PHY.
1.4
10/100 Ethernet MAC
The transmit and receive data paths are separate within the MAC allowing the highest performance especially in full
duplex mode. The data paths connect to the PIO interface Function via separate busses to increase performance. Pay-
load data as well as transmit and receive status is passed on these busses.
A third internal bus is used to access the MAC’s Control and Status Registers (CSR’s). This bus is accessible from the
host through the PIO interface function.
On the backend, the MAC interfaces with the internal 10/100 PHY through a MII (Media Independent Interface) port
internal to the LAN9220. The MAC CSR's also provide a mechanism for accessing the PHY’s internal registers through
the internal SMI (Serial Management Interface) bus.
The MAC Interface Layer (MIL), within the MAC, contains a 2K Byte transmit and a 128 Byte receive FIFO which is sep-
arate from the TX and RX FIFOs. The FIFOs within the MAC are not directly accessible from the host interface. The
differentiation between the TX/RX FIFO memory buffers and the MAC buffers is that when the transmit or receive pack-
ets are in the MAC buffers, the host no longer can control or access the TX or RX data. The MAC buffers (both TX and
RX) are in effect the working buffers of the Ethernet MAC logic. In the case of reception, the data must be moved first
to the RX FIFOs for the host to access the data. For TX operations, the MIL operates in store-and-forward mode and
will queue an entire frame before beginning transmission.
10/100
Ethernet
PHY
10/100
Ethernet
MAC
2kB to 14kB
Configurable TX FIFO
2kB to 14kB
Configurable RX FIFO
Interrupt
Controller
GP Timer
PIO
Controller
3.3V to 1.8V
Core Regulator
PLL
25MHz
+3.3V
EEPROM
Controller
EEPROM
(Optional )
RX Status FIFO
TX Status FIFO
MIL - TX Elastic
Buffer - 2K bytes
MIL - RX Elastic
Buffer - 128 bytes
Power
Management
IRQ
FIFO _SEL
PME
Wakup Indicator
Host Bus Interface
(HBI)
16-bit SRAM I/F
RX Checksum
Offload Engine
TX Checksum
Offload Engine
LAN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com