Electronic Components Datasheet Search
  English  ▼

X  

LAN9220 Datasheet(PDF) 66 Page - Microchip Technology

Part # LAN9220
Description  16-bit Non-PCI Small Form Factor 10/100 Ethernet Controller with Variable Voltage I/O & HP Auto-MDIX Support
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9220 Datasheet(HTML) 66 Page - Microchip Technology

Back Button LAN9220 Datasheet HTML 62Page - Microchip Technology LAN9220 Datasheet HTML 63Page - Microchip Technology LAN9220 Datasheet HTML 64Page - Microchip Technology LAN9220 Datasheet HTML 65Page - Microchip Technology LAN9220 Datasheet HTML 66Page - Microchip Technology LAN9220 Datasheet HTML 67Page - Microchip Technology LAN9220 Datasheet HTML 68Page - Microchip Technology LAN9220 Datasheet HTML 69Page - Microchip Technology LAN9220 Datasheet HTML 70Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 142 page
background image
LAN9220
DS00002417A-page 66
 2006-2017 Microchip Technology Inc.
5.0
REGISTER DESCRIPTION
The following section describes all LAN9220 registers and data ports.
FIGURE 5-1:
MEMORY MAP
MACCSRPort
A4h
B0h
Base +
00h
RESERVED
B4h
A0h
RX Data FIFO Port
TX Data FIFO Port
RX Status FIFO Port
40h
20h
50h
FCh
EEPROMPort
04h
1Ch
RX Data FIFO Alias Ports
24h
3Ch
TX Data FIFO Alias Ports
RX Status FIFO PEEK
44h
TX Status FIFO Port
48h
TX Status FIFO PEEK
4Ch
A8h
ACh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com