Electronic Components Datasheet Search
  English  ▼

X  

LAN9220 Datasheet(PDF) 95 Page - Microchip Technology

Part # LAN9220
Description  16-bit Non-PCI Small Form Factor 10/100 Ethernet Controller with Variable Voltage I/O & HP Auto-MDIX Support
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9220 Datasheet(HTML) 95 Page - Microchip Technology

Back Button LAN9220 Datasheet HTML 91Page - Microchip Technology LAN9220 Datasheet HTML 92Page - Microchip Technology LAN9220 Datasheet HTML 93Page - Microchip Technology LAN9220 Datasheet HTML 94Page - Microchip Technology LAN9220 Datasheet HTML 95Page - Microchip Technology LAN9220 Datasheet HTML 96Page - Microchip Technology LAN9220 Datasheet HTML 97Page - Microchip Technology LAN9220 Datasheet HTML 98Page - Microchip Technology LAN9220 Datasheet HTML 99Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 142 page
background image
 2006-2017 Microchip Technology Inc.
DS00002417A-page 95
LAN9220
7-6
BackOff Limit (BOLMT). The BOLMT bits allow the user to set its back-off limit in a relaxed or
aggressive mode. According to IEEE 802.3, the MAC has to wait for a random number [r] of slot-
times** after it detects a collision, where:
(eq.1)0 < r < 2K
The exponent K is dependent on how many times the current frame to be transmitted has been retried,
as follows:
(eq.2)K = min (n, 10) where n is the current number of retries.
If a frame has been retried three times, then K = 3 and r= 8 slot-times maximum. If it has been retried
12 times, then K = 10, and r = 1024 slot-times maximum.
An LFSR (linear feedback shift register) 20-bit counter emulates a 20bit random number generator,
from which r is obtained. Once a collision is detected, the number of the current retry of the current
frame is used to obtain K (eq.2). This value of K translates into the number of bits to use from the
LFSR counter. If the value of K is 3, the MAC takes the value in the first three bits of the LFSR counter
and uses it to count down to zero on every slot-time. This effectively causes the MAC to wait eight
slot-times. To give the user more flexibility, the BOLMT value forces the number of bits to be used
from the LFSR counter to a predetermined value as in the table below.
Thus, if the value of K = 10, the MAC will look at the BOLMT if it is 00, then use the lower ten bits of the LFSR
counter for the wait countdown. If the BOLMT is 10, then it will only use the value in the first four bits for the
wait countdown, etc.
**Slot-time = 512 bit times. (See IEEE 802.3 Spec., Secs. 4.2.3.25 and 4.4.2.1)
5
Deferral Check (DFCHK). When set, enables the deferral check in the MAC. The MAC will abort the
transmission attempt if it has deferred for more than 24,288 bit times. Deferral starts when the
transmitter is ready to transmit, but is prevented from doing so because the CRS is active. Defer time
is not cumulative. If the transmitter defers for 10,000 bit times, then transmits, collides, backs off, and
then has to defer again after completion of back-off, the deferral timer resets to 0 and restarts. When
reset, the deferral check is disabled in the MAC and the MAC defers indefinitely.
4
Reserved
3
Transmitter enable (TXEN). When set, the MAC’s transmitter is enabled and it will transmit frames
from the buffer onto the cable.
When reset, the MAC’s transmitter is disabled and will not transmit any frames.
2
Receiver Enable (RXEN). When set (1), the MAC’s receiver is enabled and will receive frames from
the internal PHY.
When reset, the MAC’s receiver is disabled and will not receive any frames from the internal PHY.
1-0
Reserved
Bits
Description
BOLMT Value
# Bits Used from LFSR Counter
2’b00
10
2’b01
8
2’b10
4
2’b11
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com