Electronic Components Datasheet Search
  English  ▼

X  

LAN9220 Datasheet(PDF) 68 Page - Microchip Technology

Part # LAN9220
Description  16-bit Non-PCI Small Form Factor 10/100 Ethernet Controller with Variable Voltage I/O & HP Auto-MDIX Support
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9220 Datasheet(HTML) 68 Page - Microchip Technology

Back Button LAN9220 Datasheet HTML 64Page - Microchip Technology LAN9220 Datasheet HTML 65Page - Microchip Technology LAN9220 Datasheet HTML 66Page - Microchip Technology LAN9220 Datasheet HTML 67Page - Microchip Technology LAN9220 Datasheet HTML 68Page - Microchip Technology LAN9220 Datasheet HTML 69Page - Microchip Technology LAN9220 Datasheet HTML 70Page - Microchip Technology LAN9220 Datasheet HTML 71Page - Microchip Technology LAN9220 Datasheet HTML 72Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 142 page
background image
LAN9220
DS00002417A-page 68
 2006-2017 Microchip Technology Inc.
5.3
System Control and Status Registers
Table 5-1, "Direct Address Register Map", lists the registers that are directly addressable by the host bus.
TABLE 5-1:
DIRECT ADDRESS REGISTER MAP
Control and Status Registers
Base Address +
Offset
Symbol
Register Name
Default
50h
ID_REV
Chip ID and Revision.
See Page 69.
54h
IRQ_CFG
Main Interrupt Configuration
00000000h
58h
INT_STS
Interrupt Status
00000000h
5Ch
INT_EN
Interrupt Enable Register
00000000h
60h
RESERVED
Reserved for future use
-
64h
BYTE_TEST
Read-only byte order testing register
87654321h
68h
FIFO_INT
FIFO Level Interrupts
48000000h
6Ch
RX_CFG
Receive Configuration
00000000h
70h
TX_CFG
Transmit Configuration
00000000h
74h
HW_CFG
Hardware Configuration
00050000h
78h
RX_DP_CTL
RX Datapath Control
00000000h
7Ch
RX_FIFO_INF
Receive FIFO Information
00000000h
80h
TX_FIFO_INF
Transmit FIFO Information
00001200h
84h
PMT_CTRL
Power Management Control
00000000h
88h
GPIO_CFG
General Purpose IO Configuration
00000000h
8Ch
GPT_CFG
General Purpose Timer Configuration
0000FFFFh
90h
GPT_CNT
General Purpose Timer Count
0000FFFFh
94h
RESERVED
Reserved for future use
-
98h
WORD_SWAP
WORD SWAP Register
00000000h
9Ch
FREE_RUN
Free Run Counter
-
A0h
RX_DROP
RX Dropped Frames Counter
00000000h
A4h
MAC_CSR_CMD
MAC CSR Synchronizer Command (MAC
CSR’s are indexed through this register)
00000000h
A8h
MAC_CSR_DATA
MAC CSR Synchronizer Data
00000000h
ACh
AFC_CFG
Automatic Flow Control Configuration
00000000h
B0h
E2P_CMD
EEPROM Command
00000000h
B4h
E2P_DATA
EEPROM Data
00000000h
B8h - FCh
RESERVED
Reserved for future use
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com