Electronic Components Datasheet Search
  English  ▼

X  

LAN9220 Datasheet(PDF) 58 Page - Microchip Technology

Part # LAN9220
Description  16-bit Non-PCI Small Form Factor 10/100 Ethernet Controller with Variable Voltage I/O & HP Auto-MDIX Support
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9220 Datasheet(HTML) 58 Page - Microchip Technology

Back Button LAN9220 Datasheet HTML 54Page - Microchip Technology LAN9220 Datasheet HTML 55Page - Microchip Technology LAN9220 Datasheet HTML 56Page - Microchip Technology LAN9220 Datasheet HTML 57Page - Microchip Technology LAN9220 Datasheet HTML 58Page - Microchip Technology LAN9220 Datasheet HTML 59Page - Microchip Technology LAN9220 Datasheet HTML 60Page - Microchip Technology LAN9220 Datasheet HTML 61Page - Microchip Technology LAN9220 Datasheet HTML 62Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 142 page
background image
LAN9220
DS00002417A-page 58
 2006-2017 Microchip Technology Inc.
10101
3
3
0011
3
0011
01010
4
4
0100
4
0100
01011
5
5
0101
5
0101
01110
6
6
0110
6
0110
01111
7
7
0111
7
0111
10010
8
8
1000
8
1000
10011
9
9
1001
9
1001
10110
A
A
1010
A
1010
10111
B
B
1011
B
1011
11010
C
C
1100
C
1100
11011
D
D
1101
D
1101
11100
E
E
1110
E
1110
11101
F
F
1111
F
1111
11111
I
IDLE
Sent after /T/R until TX_EN
11000
J
First nibble of SSD, translated to “0101”
following IDLE, else RX_ER
Sent for rising TX_EN
10001
K
Second nibble of SSD, translated to
“0101” following J, else RX_ER
Sent for rising TX_EN
01101
T
First nibble of ESD, causes de-assertion
of CRS if followed by /R/, else assertion
of RX_ER
Sent for falling TX_EN
00111
R
Second nibble of ESD, causes
deassertion of CRS if following /T/, else
assertion of RX_ER
Sent for falling TX_EN
00100
H
Transmit Error Symbol
Sent for rising TX_ER
00110
V
INVALID, RX_ER if during RX_DV
INVALID
11001
V
INVALID, RX_ER if during RX_DV
INVALID
00000
V
INVALID, RX_ER if during RX_DV
INVALID
00001
V
INVALID, RX_ER if during RX_DV
INVALID
00010
V
INVALID, RX_ER if during RX_DV
INVALID
00011
V
INVALID, RX_ER if during RX_DV
INVALID
00101
V
INVALID, RX_ER if during RX_DV
INVALID
01000
V
INVALID, RX_ER if during RX_DV
INVALID
01100
V
INVALID, RX_ER if during RX_DV
INVALID
10000
V
INVALID, RX_ER if during RX_DV
INVALID
TABLE 4-1:
4B/5B CODE TABLE (CONTINUED)
Code Group
SYM
Receiver Interpretation
Transmitter Interpretation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com