Electronic Components Datasheet Search
  English  ▼

X  

LAN9220 Datasheet(PDF) 61 Page - Microchip Technology

Part # LAN9220
Description  16-bit Non-PCI Small Form Factor 10/100 Ethernet Controller with Variable Voltage I/O & HP Auto-MDIX Support
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9220 Datasheet(HTML) 61 Page - Microchip Technology

Back Button LAN9220 Datasheet HTML 57Page - Microchip Technology LAN9220 Datasheet HTML 58Page - Microchip Technology LAN9220 Datasheet HTML 59Page - Microchip Technology LAN9220 Datasheet HTML 60Page - Microchip Technology LAN9220 Datasheet HTML 61Page - Microchip Technology LAN9220 Datasheet HTML 62Page - Microchip Technology LAN9220 Datasheet HTML 63Page - Microchip Technology LAN9220 Datasheet HTML 64Page - Microchip Technology LAN9220 Datasheet HTML 65Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 142 page
background image
 2006-2017 Microchip Technology Inc.
DS00002417A-page 61
LAN9220
4.4
10Base-T Transmit
Data to be transmitted comes from the MAC layer controller. The 10Base-T transmitter receives 4-bit nibbles from the
MII at a rate of 2.5MHz and converts them to a 10Mbps serial data stream. The data stream is then Manchester-encoded
and sent to the analog transmitter, which drives a signal onto the twisted pair via the external magnetics.
The 10M transmitter uses the following blocks:
• MII (digital)
• TX 10M (digital)
• 10M Transmitter (analog)
• 10M PLL (analog)
4.4.1
10M TRANSMIT DATA ACROSS THE INTERNAL MII BUS
The MAC controller drives the transmit data onto the internal TXD BUS. When the controller has driven TX_EN high to
indicate valid data, the data is latched by the MII block on the rising edge of TX_CLK. The data is in the form of 4-bit
wide 2.5MHz data.
4.4.2
MANCHESTER ENCODING
The 4-bit wide data is sent to the TX10M block. The nibbles are converted to a 10Mbps serial NRZI data stream. The
10M PLL locks onto the external clock or internal oscillator and produces a 20MHz clock. This is used to Manchester
encode the NRZ data stream. When no data is being transmitted (TX_EN is low), the TX10M block outputs Normal Link
Pulses (NLPs) to maintain communications with the remote link partner.
4.4.3
10M TRANSMIT DRIVERS
The Manchester encoded data is sent to the analog transmitter where it is shaped and filtered before being driven out
as a differential signal across the TXP and TXN outputs.
4.5
10Base-T Receive
The 10Base-T receiver gets the Manchester- encoded analog signal from the cable via the magnetics. It recovers the
receive clock from the signal and uses this clock to recover the NRZI data stream. This 10M serial data is converted to
4-bit data nibbles which are passed to the controller across the MII at a rate of 2.5MHz.
This 10M receiver uses the following blocks:
• Filter and SQUELCH (analog)
• 10M PLL (analog)
• RX 10M (digital)
• MII (digital)
4.5.1
10M RECEIVE INPUT AND SQUELCH
The Manchester signal from the cable is fed into the PHY (on inputs RXP and RXN) via 1:1 ratio magnetics. It is first
filtered to reduce any out-of-band noise. It then passes through a SQUELCH circuit. The SQUELCH is a set of amplitude
and timing comparators that normally reject differential voltage levels below 300mV and detect and recognize differential
voltages above 585mV.
4.5.2
MANCHESTER DECODING
The output of the SQUELCH goes to the RX10M block where it is validated as Manchester encoded data. The polarity
of the signal is also checked. If the polarity is reversed (local RXP is connected to RXN of the remote partner and vice
versa), then this is identified and corrected. The reversed condition is indicated by the flag “XPOL“, bit 4 in register 27.
The 10M PLL is locked onto the received Manchester signal and from this, generates the received 20MHz clock. Using
this clock, the Manchester encoded data is extracted and converted to a 10MHz NRZI data stream. It is then converted
from serial to 4-bit wide parallel data.
The RX10M block also detects valid 10Base-T IDLE signals - Normal Link Pulses (NLPs) - to maintain the link.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com