Electronic Components Datasheet Search
  English  ▼

X  

LAN9220 Datasheet(PDF) 1 Page - Microchip Technology

Part # LAN9220
Description  16-bit Non-PCI Small Form Factor 10/100 Ethernet Controller with Variable Voltage I/O & HP Auto-MDIX Support
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9220 Datasheet(HTML) 1 Page - Microchip Technology

  LAN9220 Datasheet HTML 1Page - Microchip Technology LAN9220 Datasheet HTML 2Page - Microchip Technology LAN9220 Datasheet HTML 3Page - Microchip Technology LAN9220 Datasheet HTML 4Page - Microchip Technology LAN9220 Datasheet HTML 5Page - Microchip Technology LAN9220 Datasheet HTML 6Page - Microchip Technology LAN9220 Datasheet HTML 7Page - Microchip Technology LAN9220 Datasheet HTML 8Page - Microchip Technology LAN9220 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 142 page
background image
 2006-2017 Microchip Technology Inc.
DS00002417A-page 1
Highlights
• Efficient architecture with low CPU overhead
• Easily interfaces to most 16-bit embedded CPU’s
• 1.8V to 3.3V variable voltage I/O accommodates
wide range of I/O signalling without voltage level
shifters
• Integrated PHY with HP Auto-MDIX support
• Integrated checksum offload engine helps reduce
CPU load
• Low pin count and small body size package for
small form factor system designs
Target Applications
• Cable, satellite, and IP set-top boxes
• Digital video recorders
• Video-over IP solutions, IP PBX & video phones
• Wireless routers & access points
• Audio distribution systems
• Printers, kiosks, security systems
• General embedded applications
Key Benefits
• Non-PCI Ethernet controller for standard perfor-
mance applications
- 16-bit interface
- Burst-mode read support
• Minimizes dropped packets
- Internal buffer memory can store over 200
packets
- Automatic PAUSE and back-pressure flow
control
• Minimizes CPU overhead
- Supports Slave-DMA
- Interrupt Pin with Programmable Hold-off
timer
• Reduces system cost and increases design flexi-
bility
• SRAM-like interface easily interfaces to most
embedded CPU’s or SoC’s
• Reduced Power Modes
- Numerous power management modes
- Wake on LAN
- Magic packet wakeup
- Wakeup indicator event signal
- Link Status Change
• Single chip Ethernet controller
- Fully compliant with IEEE 802.3/802.3u stan-
dards
- Integrated Ethernet MAC and PHY
- 10BASE-T and 100BASE-TX support
- Full- and Half-duplex support
- Full-duplex flow control
- Backpressure for half-duplex flow control
- Preamble generation and removal
- Automatic 32-bit CRC generation and
checking
- Automatic payload padding and pad removal
- Loop-back modes
• Flexible address filtering modes
- One 48-bit perfect address
- 64 hash-filtered multicast addresses
- Pass all multicast
- Promiscuous mode
- Inverse filtering
- Pass all incoming with status report
- Disable reception of broadcast packets
• Integrated 10/100 Ethernet PHY
- Supports HP Auto-MDIX
- Auto-negotiation
- Supports energy-detect power down
• Host bus interface
- Simple, SRAM-like interface
- 16-bit data bus
- 16Kbyte FIFO with flexible TX/RX allocation
- One configurable host interrupt
• Miscellaneous features
- Small form factor, 56-pin QFN RoHS Compli-
ant package
- Integrated 1.8V regulator
- Integrated checksum offload engine
- Mixed endian support
- General Purpose Timer
- Optional EEPROM interface
- Support for 3 status LEDs multiplexed with
Programmable GPIO signals
• Single 3.3V Power Supply with Variable Voltage
I/O
•0
C to +70C Commercial Temperature Support
LAN9220
16-bit Non-PCI Small Form Factor 10/100 Ethernet Controller
with Variable Voltage I/O & HP Auto-MDIX Support


Similar Part No. - LAN9220

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
LAN9220 SMSC-LAN9220 Datasheet
2Mb / 150P
16-bit Non-PCI Small Form Factor 10/100 Ethernet Controller with Variable Voltage I/O & HP Auto-MDIX Support
LAN9220 SMSC-LAN9220 Datasheet
2Mb / 151P
16-bit Non-PCI Small Form Factor 10/100 Ethernet Controller with Variable Voltage I/O & HP Auto-MDIX Support
LAN9220-ABZJ SMSC-LAN9220-ABZJ Datasheet
2Mb / 150P
16-bit Non-PCI Small Form Factor 10/100 Ethernet Controller with Variable Voltage I/O & HP Auto-MDIX Support
LAN9220-ABZJ SMSC-LAN9220-ABZJ Datasheet
2Mb / 151P
16-bit Non-PCI Small Form Factor 10/100 Ethernet Controller with Variable Voltage I/O & HP Auto-MDIX Support
LAN9220 SMSC-LAN9220_12 Datasheet
2Mb / 151P
16-bit Non-PCI Small Form Factor 10/100 Ethernet Controller with Variable Voltage I/O & HP Auto-MDIX Support
More results

Similar Description - LAN9220

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
LAN9211 SMSC-LAN9211 Datasheet
1Mb / 144P
High-Performance Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX
LAN9210 SMSC-LAN9210 Datasheet
4Mb / 146P
Small Form Factor Single- Chip Ethernet Controller with HP Auto-MDIX
LAN9220 SMSC-LAN9220 Datasheet
2Mb / 150P
16-bit Non-PCI Small Form Factor 10/100 Ethernet Controller with Variable Voltage I/O & HP Auto-MDIX Support
LAN9221 SMSC-LAN9221 Datasheet
2Mb / 151P
High-Performance 16-bit Non-PCI 10/100 Ethernet Controller with Variable Voltage I/O
LAN9221 SMSC-LAN9221_12 Datasheet
2Mb / 151P
High-Performance 16-bit Non-PCI 10/100 Ethernet Controller with Variable Voltage I/O
LAN9220 SMSC-LAN9220_12 Datasheet
2Mb / 151P
16-bit Non-PCI Small Form Factor 10/100 Ethernet Controller with Variable Voltage I/O & HP Auto-MDIX Support
LAN9215I SMSC-LAN9215I_12 Datasheet
1Mb / 139P
16-bit Non-PCI 10/100 Ethernet Controller with HP Auto-MDIX and Industrial Temperature Support
LAN9215 SMSC-LAN9215_12 Datasheet
2Mb / 144P
16-bit Non-PCI 10/100 Ethernet Controller with HP Auto-MDIX Support
LAN9211 SMSC-LAN9211_12 Datasheet
1Mb / 147P
High-Performance Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX Support
LAN9210 SMSC-LAN9210_12 Datasheet
2Mb / 147P
Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX Support
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com