Electronic Components Datasheet Search
  English  ▼

X  

LAN9220 Datasheet(PDF) 99 Page - Microchip Technology

Part # LAN9220
Description  16-bit Non-PCI Small Form Factor 10/100 Ethernet Controller with Variable Voltage I/O & HP Auto-MDIX Support
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9220 Datasheet(HTML) 99 Page - Microchip Technology

Back Button LAN9220 Datasheet HTML 95Page - Microchip Technology LAN9220 Datasheet HTML 96Page - Microchip Technology LAN9220 Datasheet HTML 97Page - Microchip Technology LAN9220 Datasheet HTML 98Page - Microchip Technology LAN9220 Datasheet HTML 99Page - Microchip Technology LAN9220 Datasheet HTML 100Page - Microchip Technology LAN9220 Datasheet HTML 101Page - Microchip Technology LAN9220 Datasheet HTML 102Page - Microchip Technology LAN9220 Datasheet HTML 103Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 142 page
background image
 2006-2017 Microchip Technology Inc.
DS00002417A-page 99
LAN9220
5.4.6
MII_ACC—MII ACCESS REGISTER
This register is used to control the Management cycles to the PHY.
5.4.7
MII_DATA—MII DATA REGISTER
This register contains either the data to be written to the PHY register specified in the MII Access Register, or the read
data from the PHY register whose index is specified in the MII Access Register.
Offset:
6
Attribute:
R/W
Default Value:
00000000h
Size:
32 bits
Bits
Description
31-16
Reserved
15-11
PHY Address: For every access to this register, this field must be set to 00001b.
10-6
MII Register Index (MIIRINDA): These bits select the desired MII register in the PHY.
5-2
Reserved
1
MII Write (MIIWnR): Setting this bit tells the PHY that this will be a write operation using the MII data
register. If this bit is not set, this will be a read operation, packing the data in the MII data register.
0
MII Busy (MIIBZY): This bit must be polled to determine when the MII register access is complete.
This bit must read a logical 0 before writing to this register and MII data register.
The LAN driver software must set (1) this bit in order for the LAN9220 to read or write any of the MII
PHY registers.
During a MII register access, this bit will be set, signifying a read or write access is in progress. The
MII data register must be kept valid until the MAC clears this bit during a PHY write operation. The
MII data register is invalid until the MAC has cleared this bit during a PHY read operation.
Offset:
7
Attribute:
R/W
Default Value:
00000000h
Size:
32 bits
Bits
Description
31-16
Reserved
15-0
MII Data. This contains the 16-bit value read from the PHY read operation or the 16-bit data value to
be written to the PHY before an MII write operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com