Electronic Components Datasheet Search
  English  ▼

X  

LAN9220 Datasheet(PDF) 46 Page - Microchip Technology

Part # LAN9220
Description  16-bit Non-PCI Small Form Factor 10/100 Ethernet Controller with Variable Voltage I/O & HP Auto-MDIX Support
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9220 Datasheet(HTML) 46 Page - Microchip Technology

Back Button LAN9220 Datasheet HTML 42Page - Microchip Technology LAN9220 Datasheet HTML 43Page - Microchip Technology LAN9220 Datasheet HTML 44Page - Microchip Technology LAN9220 Datasheet HTML 45Page - Microchip Technology LAN9220 Datasheet HTML 46Page - Microchip Technology LAN9220 Datasheet HTML 47Page - Microchip Technology LAN9220 Datasheet HTML 48Page - Microchip Technology LAN9220 Datasheet HTML 49Page - Microchip Technology LAN9220 Datasheet HTML 50Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 142 page
background image
LAN9220
DS00002417A-page 46
 2006-2017 Microchip Technology Inc.
3.12.5
CALCULATING ACTUAL TX DATA FIFO USAGE
The following rules are used to calculate the actual TX data FIFO space consumed by a TX Packet:
• TX command 'A' is stored in the TX data FIFO for every TX buffer.
• TX command 'B' is written into the TX data FIFO when the First Segment (FS) bit is set in TX command 'A.'
• When TX checksum is enabled, the 4-byte TX checksum preamble is written into TX Data FIFO.
• Any DWORD-long data added as part of the “Data Start Offset” is removed from each buffer before the data is
written to the TX data FIFO. Any data that is less than 1 DWORD is passed to the TX data FIFO.
• Payload from each buffer within a Packet is written into the TX data FIFO.
• Any DWORD-long data added as part of the End Padding is removed from each buffer before the data is written to
the TX data FIFO. Any end padding that is less than 1 DWORD is passed to the TX data FIFO.
3.12.6
TRANSMIT EXAMPLES
3.12.6.1
TX Example 1
In this example a single, 111-Byte Ethernet packet will be transmitted. This packet is divided into three buffers. The three
buffers are as follows:
Buffer 0:
• 7-Byte “Data Start Offset”
• 79-Bytes of payload data
• 16-Byte “Buffer End Alignment”
Buffer 1:
• 0-Byte “Data Start Offset”
• 15-Bytes of payload data
• 16-Byte “Buffer End Alignment”
Buffer 2:
• 10-Byte “Data Start Offset”
• 17-Bytes of payload data
• 16-Byte “Buffer End Alignment”
Figure 3-21, "TX Example 1" illustrates the TX command structure for this example, and also shows how data is passed
to the TX data FIFO.
2
Excessive Deferral. If the deferred bit is set in the control register, the setting of the excessive
deferral bit indicates that the transmission has ended because of a deferral of over 24288 bit times
during transmission.
1
Reserved. This bit is reserved. Always write zero to this bit to provide future compatibility.
0
Deferred. When set, this bit indicates that the current packet transmission was deferred.
Bits
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com