Electronic Components Datasheet Search
  English  ▼

X  

S71PL254 Datasheet(PDF) 108 Page - SPANSION

Part # S71PL254
Description  STACKED MULTI CHIP PRODUCT FLASH MEMORY AND RAM
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S71PL254 Datasheet(HTML) 108 Page - SPANSION

Back Button S71PL254 Datasheet HTML 104Page - SPANSION S71PL254 Datasheet HTML 105Page - SPANSION S71PL254 Datasheet HTML 106Page - SPANSION S71PL254 Datasheet HTML 107Page - SPANSION S71PL254 Datasheet HTML 108Page - SPANSION S71PL254 Datasheet HTML 109Page - SPANSION S71PL254 Datasheet HTML 110Page - SPANSION S71PL254 Datasheet HTML 111Page - SPANSION S71PL254 Datasheet HTML 112Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 196 page
background image
108
pSRAM Type 3
pSRAM_Type03_06A0 February 25, 2004
Advance
I n f o rmation
pSRAM Type 3
16 Megabit (1M x 16) CMOS Pseudo SRAM
Features
Organized as 1M words by 16 bits
Fast Cycle Time: 70 ns
Standby Current: 100 µA
Deep power-down Current: 10 µA (Memory cell data invalid)
Byte data control: LB# (DQ0 - 7), UB# (DQ8 - 15)
Compatible with low-power SRAM
Single Power Supply Voltage: 3.0V±0.3V
Description
pSRAM Type 3 currently includes only a 16M bit device, organized as 1M words
by 16 bits. It is designed with advanced CMOS technology specified RAM featur-
ing low-power static RAM-compatible function and pin configuration. This device
operates from a single power supply. Advanced circuit technology provides both
high speed and low power. It is automatically placed in low-power mode when
CS1# or both UB# and LB# are asserted high or CS2 is asserted low. There are
three control inputs. CS1# and CS2 are used to select the device, and output en-
able (OE#) provides fast memory access. Data byte control pins (LB#,UB#)
provide lower and upper byte access. This device is well suited to various micro-
processor system applications where high speed, low power and battery backup
are required.
Pin Description
A0 – A19
=
Address Inputs
DQ0 – DQ15
=
Data Inputs/Outputs
CE1#
=
Chip Enable
CE2
=
Deep Power Down
OE#
=
Output Enable
WE#
=
Write Control
LB#
=
Lower Byte Control
UB#
=
Upper Byte Control
VCC
=
Power Supply
VSS
=
Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com