Electronic Components Datasheet Search
  English  ▼

X  

S71PL254 Datasheet(PDF) 110 Page - SPANSION

Part # S71PL254
Description  STACKED MULTI CHIP PRODUCT FLASH MEMORY AND RAM
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S71PL254 Datasheet(HTML) 110 Page - SPANSION

Back Button S71PL254 Datasheet HTML 106Page - SPANSION S71PL254 Datasheet HTML 107Page - SPANSION S71PL254 Datasheet HTML 108Page - SPANSION S71PL254 Datasheet HTML 109Page - SPANSION S71PL254 Datasheet HTML 110Page - SPANSION S71PL254 Datasheet HTML 111Page - SPANSION S71PL254 Datasheet HTML 112Page - SPANSION S71PL254 Datasheet HTML 113Page - SPANSION S71PL254 Datasheet HTML 114Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 196 page
background image
110
pSRAM Type 3
pSRAM_Type03_06A0 February 25, 2004
Advance
I n f o rmation
AC Characteristics
Table 31. DC Characteristics (TA = -25°C to 85°C, VDD = 2.6 to 3.3V)
SYMBOL
PARAMETER
TEST CONDITION
MIN
MAX UNIT
IIL
Input Leakage Current
VIN = VSS to VDD
-1
1
µA
ILO
Output Leakage Current
VIO = VSS to VDD
CE1# = VIH, CE2 = VIL or
OE# = VIH or WE# = VIL
-1
1
µA
ICC1
Operating Current @ Min. Cycle Time
Cycle time = Min., 100% duty,
IIO = 0mA, CE1# = VIL, CE2 = VIH,
VIN = VIH or VIL
-
35
mA
ICC2
Operating Current @ Max Cycle Time
Cycle time = 1
µs, 100% duty
IIO = 0mA, CE1# ≤ 0.2V,
CE2
≥ VDD -0.2V, VIN ≤ 0.2V
or VIN ≥ VDD -0.2V
-
5
mA
ISB1
Standby Current (CMOS)
CE1# = VDD – 0.2V and
CE2 = VDD – 0.2V,
Other inputs = VSS ~ VCC
-
100
µA
ISBD
Deep Power-down
CE2
≤ 0.2V, Other inputs = VSS ~ VCC
10
µA
VOL
Output Low Voltage
IOL = 2.1mA
-
0.4
V
VOH
Output High Voltage
IOH = -1.0mA
2.4
-
V
Table 32. AC Characteristics and Operating Conditions (TA = -25°C to 85°C, VDD = 2.6 to 3.3V)
Cycle
Symbol
Parameter
70
Unit
Min
Max
tRC
Read Cycle Time
70
-
ns
tAA
Address Access Time
-
70
ns
tCO1
Chip Enable (CE#1) Access Time
-
70
ns
tCO2
Chip Enable (CE2) Access Time
-
70
ns
tOE
Output Enable Access Time
-
35
ns
tBA
Data Byte Control Access Time
-
70
ns
tLZ
Chip Enable Low to Output in Low-Z
10
-
ns
tOLZ
Output Enable Low to Output in Low-Z
5
-
ns
tBLZ
Data Byte Control Low to Output in Low-Z
10
-
ns
tHZ
Chip Enable High to Output in High-Z
-
25
ns
tOHZ
Output Enable High to Output in High-Z
-
25
ns
tBHZ
Data Byte Control High to Output in High-Z
-
25
ns
tOH
Output Data Hold Time
10
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com