Electronic Components Datasheet Search
  English  ▼

X  

S71PL254 Datasheet(PDF) 109 Page - SPANSION

Part # S71PL254
Description  STACKED MULTI CHIP PRODUCT FLASH MEMORY AND RAM
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S71PL254 Datasheet(HTML) 109 Page - SPANSION

Back Button S71PL254 Datasheet HTML 105Page - SPANSION S71PL254 Datasheet HTML 106Page - SPANSION S71PL254 Datasheet HTML 107Page - SPANSION S71PL254 Datasheet HTML 108Page - SPANSION S71PL254 Datasheet HTML 109Page - SPANSION S71PL254 Datasheet HTML 110Page - SPANSION S71PL254 Datasheet HTML 111Page - SPANSION S71PL254 Datasheet HTML 112Page - SPANSION S71PL254 Datasheet HTML 113Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 196 page
background image
February 25, 2004 pSRAM_Type03_06A0
pSRAM Type 3
109
Advance
I n f o rmatio n
Operation Mode
Note: X = don’t care. H = logic high. L = logic low.
Absolute Maximum Ratings (see Note)
Note: Absolute maximum DC requirements contains stress ratings only. Functional operation at the absolute maximum
limits is not implied or guaranteed. Extended exposure to maximum ratings may affect device reliability.
DC Characteristics
Notes:
1. Overshoot: VCC + 2.0V in case of pulse width ≤ 20ns
2. Undershoot: -2.0V in case of pulse width ≤ 20ns
3. Overshoot and undershoot are sampled, not 100% tested.
MODE
CE1#
CE2
OE#
WE#
LB#
UB#
DQ0 to DQ7
DQ8 to DQ15
POWER
Deselect
H
H
X
X
X
X
High-Z
High-Z
Standby
Deselect
X
L
X
X
X
X
High-Z
High-Z
Deep Power Down
Deselect
L
H
X
X
H
H
High-Z
High-Z
Standby
Output Disabled
L
H
H
H
L
X
High-Z
High-Z
Active
Output Disabled
L
H
H
H
X
L
High-Z
High-Z
Active
Lower Byte Read
L
H
L
H
L
H
D-out
High-Z
Active
Upper Byte Read
L
H
L
H
H
L
High-Z
D-out
Active
Word Read
L
H
L
H
L
L
D-out
D-out
Active
Lower Byte Write
L
H
X
L
L
H
D-in
High-Z
Active
Upper Byte Write
L
H
X
L
H
L
High-Z
D-in
Active
Word Write
L
H
X
L
L
L
D-in
D-in
Active
SYMBOL
RATING
VALUE
UNIT
VCC
Supply Voltage
-0.2 to +3.6
V
VIN
Input Voltages
-0.2 to VCC + 0.3
V
VIN, VOUT
Output and output Voltages
-2.0 to +3.6
V
ISH
Output short circuit current
100
mA
PD
Power Dissipation
1
W
Table 30. DC Recommended Operating Conditions
SYMBOL
PARAMETER
MIN
TYP.
MAX
UNIT
VDD
Power Supply Voltage
2.7
3.0
3.3
V
VSS
Ground
0
-
0
VIH
Input High Voltage
2.2
-
VCC + 0.2 (Note 1)
VIL
Input Low Voltage
-0.2 (Note 2)
-
+0.6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com